Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 32 Page - STMicroelectronics

Part # TS2007FC
Description  3 W, filter-free, class-D audio power amplifier with 6 or 12 dB fixed gain select
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TS2007FC Datasheet HTML 25Page - STMicroelectronics TS2007FC Datasheet HTML 26Page - STMicroelectronics TS2007FC Datasheet HTML 27Page - STMicroelectronics TS2007FC Datasheet HTML 28Page - STMicroelectronics TS2007FC Datasheet HTML 29Page - STMicroelectronics TS2007FC Datasheet HTML 30Page - STMicroelectronics TS2007FC Datasheet HTML 31Page - STMicroelectronics TS2007FC Datasheet HTML 32Page - STMicroelectronics TS2007FC Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Ordering information
TS2007FC
32/33
DocID14937 Rev 4
6
Ordering information
7
Revision history
Table 13. Order codes
Order code
Temperature range
Package
Marking
TS2007EIJT
-40° C to +85° C
Flip-chip
07
Table 14. Document revision history
Date
Revision
Changes
19-Aug-2008
1
Initial release.
17-May-2011
2
Added minimum RL to Table 1: Absolute maximum ratings (AMR)
Updated ECOPACK® paragraph in Section 5: Package information
Minor textual updates
28-Feb-2014
3
Removed pinout from cover page and added it to Section 2:
Application information.
Table 1: Absolute maximum ratings (AMR): updated
Updated following figure titles: Figure 8 through to Figure 29;
Figure 31 and Figure 32; Figure 34 through to Figure 40.
Section 5.1: 9-bump Flip-chip package information: updated section
layout.
Figure 49: 9-bump Flip-chip marking (top view): changed marking
from “K7” to “07”.
Table 13: Order codes: updated order code markings
15-Apr-2019
4
Removed the part number TS2007EKIJT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com