Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS2007FC
Description  3 W, filter-free, class-D audio power amplifier with 6 or 12 dB fixed gain select
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS2007FC Datasheet HTML 13Page - STMicroelectronics TS2007FC Datasheet HTML 14Page - STMicroelectronics TS2007FC Datasheet HTML 15Page - STMicroelectronics TS2007FC Datasheet HTML 16Page - STMicroelectronics TS2007FC Datasheet HTML 17Page - STMicroelectronics TS2007FC Datasheet HTML 18Page - STMicroelectronics TS2007FC Datasheet HTML 19Page - STMicroelectronics TS2007FC Datasheet HTML 20Page - STMicroelectronics TS2007FC Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
DocID14937 Rev 4
17/33
TS2007FC
Electrical characteristics
33
Figure 5. Current consumption vs. power
supply voltage
Figure 6. Standby current vs. power supply
voltage
Figure 7. Current consumption vs.
standby voltage
Figure 8. Efficiency vs. output power
@ 5 V and 4 Ω
Figure 9. Efficiency vs. output power
@ 5 V and 8 Ω
Figure 10. Efficiency vs. output power
@ 3.6 V and 4 Ω
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
No load
T
AMB
= 25
°C
Power Supply Voltage (V)
2.53.0
3.54.0
4.5
5.0
5.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Power Supply Voltage (V)
No load
Vstdby = GND
Tamb = 25
°C
01
2345
0
1
2
3
4
Vcc=4.2V
Vcc=3V
Vcc=2.7V
Vcc=3.6V
Standby Voltage (V)
No load
T
AMB
= 25
°C
Vcc=5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
20
40
60
80
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Vcc = 5V
F = 1kHz
RL = 4
Ω + ≥ 15μH
THD+N
≤ 10%
BW
≤ 30kHz
T
AMB
= 25
°C
Power
Dissipation
Efficiency
Output Power (W)
0.0
0.5
1.0
1.5
2.0
0
20
40
60
80
100
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
Vcc = 5V
F = 1kHz
RL = 8
Ω + ≥ 15μH
THD+N
≤ 10%
BW
≤ 30kHz
T
AMB
= 25
°C
Power
Dissipation
Efficiency
Output Power (W)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
Vcc = 3.6V
F = 1kHz
RL = 4
Ω + ≥ 15μH
THD+N
≤ 10%
BW
≤ 30kHz
T
AMB
= 25
°C
Power
Dissipation
Efficiency
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com