Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS2007FC
Description  3 W, filter-free, class-D audio power amplifier with 6 or 12 dB fixed gain select
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 1 Page - STMicroelectronics

  TS2007FC Datasheet HTML 1Page - STMicroelectronics TS2007FC Datasheet HTML 2Page - STMicroelectronics TS2007FC Datasheet HTML 3Page - STMicroelectronics TS2007FC Datasheet HTML 4Page - STMicroelectronics TS2007FC Datasheet HTML 5Page - STMicroelectronics TS2007FC Datasheet HTML 6Page - STMicroelectronics TS2007FC Datasheet HTML 7Page - STMicroelectronics TS2007FC Datasheet HTML 8Page - STMicroelectronics TS2007FC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
This is information on a product in full production.
April 2019
DocID14937 Rev 4
1/33
TS2007FC
3 W, filter-free, class-D audio power amplifier with 6 or 12 dB fixed
gain select
Datasheet
- production data
Features
• Operates from VCC = 2.4 V to 5.5 V
• Standby mode active low
• Output power: 1.4 W at 5 V or 0.5 W at 3.0 V
into 8
Ω with 1% THD+N max.
• Output power: 2.3 W at 5 V or 0.75 W at 3.0 V
into 4
Ω with 1% THD+N max.
• Two fixed gain selects: 6 dB or 12 dB
• Low current consumption
• Efficiency: 86% typ.
• Signal-to-noise ratio: 90 dB typ.
• PSRR: 68 dB typical at 217 Hz with 6 dB gain
• PWM base frequency: 280 kHz
• Low pop and click noise
• Thermal shutdown protection
• Output short-circuit protection
• Flip-chip lead-free 9-bump package with back
coating in option
Applications
• Cellular phones
• PDAs
• Notebook PCs
Description
The TS2007FC is a class-D audio power
amplifier. It is able to drive up to 1.4 W into an 8
Ω
load at 5 V, it achieves better efficiency than
typical class-AB audio power amplifiers.
This device can switch between two gain settings,
6 dB or 12 dB via a logic signal on the gain select
pin. The pop and click reduction circuitry provides
low on/off switching noise which allows the device
to start within 1 ms typically.
A standby mode function (active low) keeps the
current consumption down to 1 µA typically.
The TS2007FC is available in a 9-bump Flip-chip
lead-free package.
TS2007EIJT, 9-bump Flip-chip
www.st.com


Similar Part No. - TS2007FC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS2007FC STMICROELECTRONICS-TS2007FC Datasheet
454Kb / 28P
3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
19-Aug-2008
More results

Similar Description - TS2007FC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2032D1 TI-TPA2032D1 Datasheet
867Kb / 17P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS2007 STMICROELECTRONICS-TS2007 Datasheet
466Kb / 29P
3W filter-free Class D audio power amplifer with 6-12dB fixed gain select
24-May-2007
TS2007FC STMICROELECTRONICS-TS2007FC Datasheet
454Kb / 28P
3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
19-Aug-2008
logo
Texas Instruments
TPA2035D1 TI-TPA2035D1 Datasheet
993Kb / 20P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
logo
STMicroelectronics
TS2007 STMICROELECTRONICS-TS2007_11 Datasheet
492Kb / 29P
3 W filter-free Class D audio power amplifer with 6-12 dB fixed gain select
02-May-2011
STEVAL-CCA012V1 STMICROELECTRONICS-STEVAL-CCA012V1 Datasheet
107Kb / 4P
3 W filter-free class-D audio amplifier demonstration board with 6-12 dB fixed gain select based on the TS2007
17-Jun-2009
logo
Texas Instruments
TPA2034D1YZFR TI1-TPA2034D1YZFR Datasheet
1Mb / 19P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2032D1 TI1-TPA2032D1_16 Datasheet
1Mb / 19P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com