Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8 W class D audio power amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS2012 Datasheet HTML 2Page - STMicroelectronics TS2012 Datasheet HTML 3Page - STMicroelectronics TS2012 Datasheet HTML 4Page - STMicroelectronics TS2012 Datasheet HTML 5Page - STMicroelectronics TS2012 Datasheet HTML 6Page - STMicroelectronics TS2012 Datasheet HTML 7Page - STMicroelectronics TS2012 Datasheet HTML 8Page - STMicroelectronics TS2012 Datasheet HTML 9Page - STMicroelectronics TS2012 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Typical application
TS2012
6/29
DocID14236 Rev 2
Table 3. External component descriptions
Components
Functional description
CS, CSL, CSR Supply capacitor that provides power supply filtering.
Cin
Input coupling capacitors (optional) that block the DC voltage at the amplifier input
terminal. The capacitors also form a high pass filter with Zin
(Fcl = 1 / (2 x π x Zin x Cin)).
Table 4. Pin descriptions
Pin number
Pin name
Pin description
1
G1
Gain select pin (MSB)
2
Lout+
Left channel positive output
3
PVCC
Power supply
4
PGND
Power ground
5
Lout-
Left channel negative output
6
NC
No internal connection
7
STBYL
Standby pin (active low) for left channel output
8
STBYR
Standby pin (active low) for right channel output
9
AVCC
Analog supply
10
NC
No internal connection
11
Rout-
Right channel negative output
12
PGND
Power ground
13
PVCC
Power supply
14
Rout+
Right channel positive output
15
G0
Gain select pin (LSB)
16
Rin+
Right channel positive differential input
17
Rin-
Right channel negative differential input
18
AGND
Analog ground
19
Lin-
Left channel negative differential input
20
Lin+
Left channel positive differential input
Thermal pad
Connect the thermal pad of the QFN package to PCB ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com