Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8 W class D audio power amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS2012 Datasheet HTML 9Page - STMicroelectronics TS2012 Datasheet HTML 10Page - STMicroelectronics TS2012 Datasheet HTML 11Page - STMicroelectronics TS2012 Datasheet HTML 12Page - STMicroelectronics TS2012 Datasheet HTML 13Page - STMicroelectronics TS2012 Datasheet HTML 14Page - STMicroelectronics TS2012 Datasheet HTML 15Page - STMicroelectronics TS2012 Datasheet HTML 16Page - STMicroelectronics TS2012 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
DocID14236 Rev 2
13/29
TS2012
Electrical characteristics
29
Figure 3. Test diagram for PSRR measurements
Table 8. Index of graphics
Description
Figure
Current consumption vs. power supply voltage
Figure 4
Current consumption vs. standby voltage
Figure 5
Efficiency vs. output power
Figure 6 - Figure 9
Output power vs. power supply voltage
Figure 10, Figure 11
PSRR vs. common mode input voltage
Figure 12
PSRR vs. frequency
Figure 13
CMRR vs. common mode input voltage
Figure 14
CMRR vs. frequency
Figure 15
Gain vs. frequency
Figure 16, Figure 17
THD+N vs. output power
Figure 18 - Figure 25
THD+N vs. frequency
Figure 26 - Figure 37
Crosstalk vs. frequency
Figure 38 - Figure 41
Power derating curves
Figure 42
Startup and shutdown time
Figure 43, Figure 44
VCC
Cin
Cin
1/2 TS2012
Cs
100nF
In+
In-
15 H or 30 H
μμ
or
LC Filter
Out+
Out-
Ω
4 or 8
RL
5th order
50kHz
low-pass filter
RMS Selective Measurement
Bandwith =1% of Fmeas
GND
GND
GND
1 F
μ
1 F
μ
GND
5th order
50kHz
low-pass filter
reference
20Hz to 20kHz
Vripple
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com