Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8 W class D audio power amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS2012 Datasheet HTML 3Page - STMicroelectronics TS2012 Datasheet HTML 4Page - STMicroelectronics TS2012 Datasheet HTML 5Page - STMicroelectronics TS2012 Datasheet HTML 6Page - STMicroelectronics TS2012 Datasheet HTML 7Page - STMicroelectronics TS2012 Datasheet HTML 8Page - STMicroelectronics TS2012 Datasheet HTML 9Page - STMicroelectronics TS2012 Datasheet HTML 10Page - STMicroelectronics TS2012 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
DocID14236 Rev 2
7/29
TS2012
Electrical characteristics
29
3
Electrical characteristics
3.1
Electrical characteristic tables
Table 5. VCC = +5 V, GND = 0 V, Vic = 2.5 V, Tamb = 25 °C
(unless otherwise specified)
Symbol
Parameters and test conditions
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load, both channels
58
mA
ISTBY
Standby current
No input signal, VSTBY = GND
0.2
2
µA
Voo
Output offset voltage
Floating inputs, G = 6dB, RL = 8Ω
25
mV
Po
Output power
THD + N = 1 % max, f = 1 kHz, RL = 4 Ω
THD + N = 1 % max, f = 1 kHz, RL = 8 Ω
THD + N = 10 % max, f = 1 kHz, RL = 4 Ω
THD + N = 10 % max, f = 1 kHz, RL = 8 Ω
2.2
1.35
2.8
1.65
W
THD + N
Total harmonic distortion + noise
Po = 0.8 W, G = 6 dB, f =1 kHz, RL = 8 Ω
0.07
%
Efficiency
Efficiency per channel
Po = 2.2 W, RL = 4 Ω +15 µH
Po = 1.25 W, RL = 8 Ω+15 µH
81
89
PSRR
Power supply rejection ratio with inputs grounded
Cin = 1 µF (1), f = 217 Hz, RL = 8 Ω, Gain = 6 dB,
Vripple = 200 mVpp
70
dB
Crosstalk
Channel separation
Po = 0.9 W, G = 6 dB, f = 1 kHz, RL = 8 Ω
90
CMRR
Common mode rejection ratio
Cin = 1 µF, f = 217 Hz, RL = 8 Ω, Gain = 6 dB,
ΔVICM = 200 mVpp
70
Gain
Gain value
G1 = G0 = VIL
G1 = VIL & G0 = VIH
G1 = VIH & G0 = VIL
G1 = G0 = VIH
5.5
11.5
17.5
23.5
6
12
18
24
6.5
12.5
18.5
24.5
Zin
Single ended input impedance
All gains, referred to ground
24
30
36
k
Ω
FPWM
Pulse width modulator base frequency
190
280
370
kHz
SNR
Signal to noise ratio (A-weighting)
Po = 1.3 W, G = 6 dB, RL = 8 Ω
99
dB
tWU
Wakeup time
1
3
ms
tSTBY
Standby time
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com