Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8 W class D audio power amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS2012 Datasheet HTML 21Page - STMicroelectronics TS2012 Datasheet HTML 22Page - STMicroelectronics TS2012 Datasheet HTML 23Page - STMicroelectronics TS2012 Datasheet HTML 24Page - STMicroelectronics TS2012 Datasheet HTML 25Page - STMicroelectronics TS2012 Datasheet HTML 26Page - STMicroelectronics TS2012 Datasheet HTML 27Page - STMicroelectronics TS2012 Datasheet HTML 28Page - STMicroelectronics TS2012 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
DocID14236 Rev 2
27/29
TS2012
Package information
29
Figure 48. QFN20 footprint recommendation
Table 10. QFN20 package mechanical data
Ref
Dimensions in mm
Dimensions in inches
Min
Typ
Max
Min
Typ
Max
A
0.8
0.9
1
0.031
0.035
0.039
A1
0.02
0.05
0.001
0.002
A2
0.65
1
0.026
0.039
A3
0.25
0.010
b
0.18
0.23
0.3
0.007
0.009
0.012
D
3.85
4
4.15
0.152
0.157
0.163
D2
2.6
0.102
E
3.85
4
4.15
0.152
0.157
0.163
E2
2.6
0.102
e
0.45
0.5
0.55
0.018
0.020
0.022
L
0.3
0.4
0.5
0.012
0.016
0.020
ddd
0.08
0.003
Table 11. QFN20 footprint data
Ref.
Dimensions in mm
Dimensions in inches
A
4.55
0.179
B
C
0.50
0.020
D
0.35
0.014
E
0.65
0.026
F
2.45
0.096
G
0.40
0.016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com