Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8 W class D audio power amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS2012 Datasheet HTML 15Page - STMicroelectronics TS2012 Datasheet HTML 16Page - STMicroelectronics TS2012 Datasheet HTML 17Page - STMicroelectronics TS2012 Datasheet HTML 18Page - STMicroelectronics TS2012 Datasheet HTML 19Page - STMicroelectronics TS2012 Datasheet HTML 20Page - STMicroelectronics TS2012 Datasheet HTML 21Page - STMicroelectronics TS2012 Datasheet HTML 22Page - STMicroelectronics TS2012 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
DocID14236 Rev 2
19/29
TS2012
Electrical characteristics
29
Figure 34. THD+N vs. frequency (ix)
Figure 35. THD+N vs. frequency (x)
100
1000
10000
0.01
0.1
1
10
Po=0.75W
Po=1.5W
RL=4Ω + 15μH
G=6dB
BW < 30kHz
Vcc=5V
Tamb = 25°C
20k
20
Frequency (Hz)
100
1000
10000
0.01
0.1
1
10
Po=0.75W
Po=1.5W
RL=4Ω + 30μH
G=6dB
BW < 30kHz
Vcc=5V
Tamb = 25°C
20k
20
Frequency (Hz)
Figure 36. THD+N vs. frequency (xi)
Figure 37. THD+N vs. frequency (xii)
100
1000
10000
0.01
0.1
1
10
Po=0.45W
Po=0.9W
RL=8Ω + 15μH
G=6dB
BW < 30kHz
Vcc=5V
Tamb = 25°C
20k
20
Frequency (Hz)
100
1000
10000
0.01
0.1
1
10
Po=0.45W
Po=0.9W
RL=8Ω + 30μH
G=6dB
BW < 30kHz
Vcc=5V
Tamb = 25°C
20k
20
Frequency (Hz)
Figure 38. Crosstalk vs. frequency (i)
Figure 39. Crosstalk vs. frequency (ii)
100
1k
10k
-120
-100
-80
-60
-40
-20
0
R -> L
L -> R
Vcc=2.5, 3.6, 5V
RL=4Ω+30μH
Gain = 6dB
T
AMB = 25°C
Frequency (Hz)
20
20k
100
1k
10k
-120
-100
-80
-60
-40
-20
0
R -> L
L -> R
Vcc=2.5, 3.6, 5V
RL=8Ω+30μH
Gain = 6dB
T
AMB = 25°C
Frequency (Hz)
20
20k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com