Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8 W class D audio power amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS2012 Datasheet HTML 19Page - STMicroelectronics TS2012 Datasheet HTML 20Page - STMicroelectronics TS2012 Datasheet HTML 21Page - STMicroelectronics TS2012 Datasheet HTML 22Page - STMicroelectronics TS2012 Datasheet HTML 23Page - STMicroelectronics TS2012 Datasheet HTML 24Page - STMicroelectronics TS2012 Datasheet HTML 25Page - STMicroelectronics TS2012 Datasheet HTML 26Page - STMicroelectronics TS2012 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
DocID14236 Rev 2
23/29
TS2012
Application information
29
Another important parameter is the rated voltage of the capacitor. A 1 µF/6.3 V capacitor
used at 5 V, loses about 50 % of its value. With a power supply voltage of 5 V, the
decoupling value, instead of 1 µF, could be reduced to 0.5 µF. As CS has particular influence
on the THD+N in the medium to high frequency region, this capacitor variation becomes
decisive. In addition, less decoupling means higher overshoots which can be problematic if
they reach the power supply AMR value (6 V).
4.6
Wakeup time (twu)
When standby is released to set the device ON, there is typically a delay of 1 ms. The
TS2012 has an internal digital delay that mutes the outputs and releases them after this
delay time to avoid any pop noise.
Note:
The gain increases smoothly (see Figure 44) from the mute to the gain selected by the G1
and G0 pin (Section 4.2).
4.7
Shutdown time
When the standby command is set, the time required to set the output stage to high
impedance and to put the internal circuitry in shutdown mode, is typically 1 ms. This time is
used to decrease the gain and avoid any pop noise during shutdown.
Note:
The gain decreases smoothly until the outputs are muted (see Figure 44).
4.8
Consumption in shutdown mode
Between the shutdown pin and GND there is an internal 300 k
Ω (±20 %) resistor. This
resistor forces the TS2012 to be in shutdown when the shutdown input is left floating.
However, this resistor also introduces additional shutdown power consumption if the
shutdown pin voltage is not 0 V.
For example, with a 0.4 V shutdown voltage pin, the following typical and maximum values
respectively for each shutdown pin must be added to the standby current specified in
Table 5 to Table 7: 0.4 V/300 k
Ω = 1.3 µA and 0.4 V/240 kΩ = 1.66 µA. This current is
provided by the external control device for standby pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com