Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8 W class D audio power amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS2012 Datasheet HTML 12Page - STMicroelectronics TS2012 Datasheet HTML 13Page - STMicroelectronics TS2012 Datasheet HTML 14Page - STMicroelectronics TS2012 Datasheet HTML 15Page - STMicroelectronics TS2012 Datasheet HTML 16Page - STMicroelectronics TS2012 Datasheet HTML 17Page - STMicroelectronics TS2012 Datasheet HTML 18Page - STMicroelectronics TS2012 Datasheet HTML 19Page - STMicroelectronics TS2012 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Electrical characteristics
TS2012
16/29
DocID14236 Rev 2
Figure 16. Gain vs. frequency (i)
Figure 17. Gain vs. frequency (ii)
100
1k
10k
0
2
4
6
8
RL=4Ω+30μH
RL=4Ω+15μH
RL=8Ω+30μH
RL=8Ω+15μH
no load
Gain = 6dB
Vin = 500mV
Cin = 4.7μF
T
AMB = 25°C
Frequency (Hz)
20
20k
100
1k
10k
18
20
22
24
26
RL=4Ω+30μH
RL=4Ω+15μH
RL=8Ω+30μH
RL=8Ω+15μH
no load
Gain = 24dB
Vin = 5mV
Cin = 4.7μF
T
AMB = 25°C
Frequency (Hz)
20
20k
Figure 18. THD+N vs. output power (i)
Figure 19. THD+N vs. output power (ii)
1E-3
0.01
0.1
1
0.1
1
10
3
Vcc=3.6V
Vcc=5V
Vcc=2.5V
RL = 4Ω + 15μH
F = 1kHz
G = 6dB
BW < 30kHz
Tamb = 25°C
Output Power (W)
1E-3
0.01
0.1
1
0.1
1
10
3
Vcc=3.6V
Vcc=5V
Vcc=2.5V
RL = 4Ω + 30μH
F = 1kHz
G = 6dB
BW < 30kHz
Tamb = 25°C
Output Power (W)
Figure 20. THD+N vs. output power (iii)
Figure 21. THD+N vs. output power (iv)
1E-3
0.01
0.1
1
0.1
1
10
2
Vcc=5V
Vcc=2.5V
Vcc=3.6V
RL = 8Ω + 15μH
F = 1kHz
G = 6dB
BW < 30kHz
Tamb = 25°C
Output Power (W)
1E-3
0.01
0.1
1
0.1
1
10
2
Vcc=5V
Vcc=2.5V
Vcc=3.6V
RL = 8Ω + 30μH
F = 1kHz
G = 6dB
BW < 30kHz
Tamb = 25°C
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com