Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8 W class D audio power amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 4 Page - STMicroelectronics

  TS2012 Datasheet HTML 1Page - STMicroelectronics TS2012 Datasheet HTML 2Page - STMicroelectronics TS2012 Datasheet HTML 3Page - STMicroelectronics TS2012 Datasheet HTML 4Page - STMicroelectronics TS2012 Datasheet HTML 5Page - STMicroelectronics TS2012 Datasheet HTML 6Page - STMicroelectronics TS2012 Datasheet HTML 7Page - STMicroelectronics TS2012 Datasheet HTML 8Page - STMicroelectronics TS2012 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Absolute maximum ratings and operating conditions
TS2012
4/29
DocID14236 Rev 2
Table 2. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.5 to 5.5
V
VI
Input voltage range
GND to VCC
Vic
Input common mode voltage(1)
1. I Voo I ≤ 40 mV max with all differential gains except 24 dB. For 24 dB gain, input decoupling caps are
mandatory.
GND+0.5V to VCC-0.9V
VSTBY
Standby voltage input (2)
Device ON
Device in STANDBY(3)
2. Without any signal on VSTBY, the device is in standby (internal 300 kΩ ± 20 % pull-down resistor).
3. Minimum current consumption is obtained when VSTBY = GND.
1.4
≤ VSTBY ≤ VCC
GND
≤ VSTBY ≤ 0.4
RL
Load resistor
≥ 4
Ω
VIH
GO, G1 - high level input voltage(4)
4. Between G0, G1pins and GND, there is an internal 300k
Ω (±20 %) pull-down resistor. When pins are
floating, the gain is 6 dB. In full standby (left and right channels OFF), these resistors are disconnected
(HiZ input).
1.4
≤ VIH ≤ VCC
V
VIL
GO, G1 - low level input voltage
GND
≤ VIL ≤ 0.4
Rthja
Thermal resistance junction to ambient(5)
5. With 4-layer PCB.
40
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com