Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8 W class D audio power amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS2012 Datasheet HTML 11Page - STMicroelectronics TS2012 Datasheet HTML 12Page - STMicroelectronics TS2012 Datasheet HTML 13Page - STMicroelectronics TS2012 Datasheet HTML 14Page - STMicroelectronics TS2012 Datasheet HTML 15Page - STMicroelectronics TS2012 Datasheet HTML 16Page - STMicroelectronics TS2012 Datasheet HTML 17Page - STMicroelectronics TS2012 Datasheet HTML 18Page - STMicroelectronics TS2012 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
DocID14236 Rev 2
15/29
TS2012
Electrical characteristics
29
Figure 10. Output power vs. power supply
voltage (i)
Figure 11. Output power vs. power supply
voltage (ii)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
THD+N=10%
RL = 4Ω + ≥ 15μH
F = 1kHz
BW < 30kHz
Tamb = 25°C
THD+N=1%
Power Supply Voltage (V)
2.53.0
3.54.0
4.55.0
5.5
0.0
0.4
0.8
1.2
1.6
2.0
THD+N=10%
RL = 8Ω + ≥ 15μH
F = 1kHz
BW < 30kHz
Tamb = 25°C
THD+N=1%
Power Supply Voltage (V)
Figure 12. PSRR vs. common mode input
voltage
Figure 13. PSRR vs. frequency
0.00.5
1.01.5
2.0
2.5
3.03.5
4.04.5
5.0
-80
-70
-60
-50
-40
-30
-20
-10
0
Gain=6dB
Gain=24dB
Vcc=3V
Vcc=2.5V
Vcc=5V
Vripple = 200mVpp, F = 217Hz
RL ≥ 4Ω + ≥ 15μH, Tamb = 25°C
Common Mode Input Voltage (V)
100
1k
10k
-80
-70
-60
-50
-40
-30
-20
-10
0
Gain=24dB
Inputs grounded, Vripple = 200mVpp
RL ≥ 4Ω + ≥ 15μH, Cin=1μF, Tamb=25°C
Vcc = 2.5, 3.6, 5V
20k
20
Gain=6dB
Frequency (Hz)
Figure 14. CMRR vs. common mode input
voltage
Figure 15. CMRR vs. frequency
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-80
-70
-60
-50
-40
-30
-20
-10
0
Gain=6dB
Gain=24dB
Vcc=3V
Vcc=2.5V
Vcc=5V
ΔVicm=200mVpp, F = 217Hz
RL ≥ 4Ω + ≥ 15μH, Tamb = 25°C
Common Mode Input Voltage (V)
100
1k
10k
-80
-70
-60
-50
-40
-30
-20
-10
0
Gain=24dB
ΔVicm=200mVpp, Vcc = 2.5, 3.6, 5V
RL ≥ 4Ω + ≥ 15μH, Cin=1μF, Tamb=25°C
20k
20
Gain=6dB
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com