Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS2012
Description  Filter-free stereo 2x2.8 W class D audio power amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS2012 Datasheet HTML 5Page - STMicroelectronics TS2012 Datasheet HTML 6Page - STMicroelectronics TS2012 Datasheet HTML 7Page - STMicroelectronics TS2012 Datasheet HTML 8Page - STMicroelectronics TS2012 Datasheet HTML 9Page - STMicroelectronics TS2012 Datasheet HTML 10Page - STMicroelectronics TS2012 Datasheet HTML 11Page - STMicroelectronics TS2012 Datasheet HTML 12Page - STMicroelectronics TS2012 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
DocID14236 Rev 2
9/29
TS2012
Electrical characteristics
29
Table 6. VCC = +3.6 V, GND = 0 V, Vic = 1.8 V, Tamb = 25 °C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load, both channels
3.3
6.5
mA
ISTBY
Standby current
No input signal, VSTBY = GND
0.2
2
µA
Voo
Output offset voltage
Floating inputs, G = 6dB, RL = 8Ω
25
mV
Po
Output power
THD + N = 1 % max, f = 1 kHz, RL = 4 Ω
THD + N = 1 % max, f = 1 kHz, RL = 8 Ω
THD + N = 10 % max, f = 1 kHz, RL = 4 Ω
THD + N = 10 % max, f = 1 kHz, RL = 8 Ω
1.15
0.68
1.3
0.9
W
THD + N
Total harmonic distortion + noise
Po = 0.4 W, G = 6 dB, f =1 kHz, RL = 8 Ω
0.05
%
Efficiency
Efficiency per channel
Po = 1.15 W, RL = 4 Ω +15 µH
Po = 0.68 W, RL = 8 Ω +15 µH
80
88
PSRR
Power supply rejection ratio with inputs grounded
Cin= 1 µF (1), f = 217 Hz, RL = 8 Ω, Gain = 6 dB,
Vripple = 200 mVpp
70
dB
Crosstalk
Channel separation
Po = 0.5 W, G = 6 dB, f =1 kHz, RL = 8 Ω
90
CMRR
Common mode rejection ratio
Cin = 1 µF, f = 217 Hz, RL = 8 Ω, Gain = 6 dB,
ΔVICM = 200 mVpp
70
Gain
Gain value
G1 = G0 = VIL
G1 = VIL & G0 = VIH
G1 = VIH & G0 = VIL
G1 = G0 = VIH
5.5
11.5
17.5
23.5
6
12
18
24
6.5
12.5
18.5
24.5
Zin
Single ended input impedance
All gains, referred to ground
24
30
36
k
Ω
FPWM
Pulse width modulator base frequency
190
280
370
kHz
SNR
Signal to noise ratio (A-weighting)
Po = 0.65 W, G = 6 dB, RL = 8 Ω
96
dB
tWU
Wakeup time
1
3
ms
tSTBY
Standby time
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com