Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89R119B Datasheet(PDF) 30 Page - RAMXEED LIMITED

Part # MB89R119B
Description  FeRAM Embedded High-speed RFID LSI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R119B Datasheet(HTML) 30 Page - RAMXEED LIMITED

Back Button MB89R119B Datasheet HTML 26Page - RAMXEED LIMITED MB89R119B Datasheet HTML 27Page - RAMXEED LIMITED MB89R119B Datasheet HTML 28Page - RAMXEED LIMITED MB89R119B Datasheet HTML 29Page - RAMXEED LIMITED MB89R119B Datasheet HTML 30Page - RAMXEED LIMITED MB89R119B Datasheet HTML 31Page - RAMXEED LIMITED MB89R119B Datasheet HTML 32Page - RAMXEED LIMITED MB89R119B Datasheet HTML 33Page - RAMXEED LIMITED MB89R119B Datasheet HTML 34Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
MB89R119B
30
DS411-00002-4v0-E
2-8. Write AFI command
On receiving the Write AFI command, the transponder writes AFI value into FeRAM.
The transponder performs verification after writing and returns an error code if the writing has failed.
If the Option_flag (bit 7) is “0”, the transponder shall return its response when it has completed the write
operation starting after “t1nom (320.9 s) + a multiple of 4096/fc (302.1 s)” with total tolerance of  32/fc
(2.4 s) and latest within 20 ms. If it is “1”, transponder shall wait for the reception of an EOF from the reader/
writer and upon such reception still return its response. (However, if an EOF is not sent within 38 ms, the
time-out occurs and the transponder can receive another command.)
Request (from the reader/writer to the transponder)
Response (from the transponder to the reader/writer)
(1) When Error_flag set
(2) When Error_flag not set
2-9. Lock AFI command
On receiving the Lock AFI command, the transponder locks (write disable) the AFI value permanently into
FeRAM.
The transponder performs verification after writing and returns an error code if the writing has failed.
If the Option_flag (bit 7) is “0”, the transponder shall return its response when it has completed the lock
operation starting after “t1nom (320.9 s) + a multiple of 4096/fc (302.1 s)” with total tolerance of -32/fc to
+32/fc (2.4 s) and latest within 20 ms. If it is “1”, transponder shall wait for the reception of an EOF from
the reader/writer and upon such reception still return its response. (However, if an EOF is not sent within
38 ms, the time-out occurs and the transponder can receive another command.)
Once the Lock AFI command has been received, the AFI data cannot be changed by the Write AFI command.
Request (from the reader/writer to the transponder)
Response (from the transponder to the reader/writer)
(1) When Error_flag set
(2) When Error_flag not set
SOF
Flags
Command (Write AFI) UID (Addressed mode)
AFI
CRC
EOF
8 bits
8 bits (“27H”)
64 bits
8 bits
16 bits
SOF
Flags
Error code
CRC
EOF
8 bits (“01H”)
8 bits
16 bits
SOF
Flags
CRC
EOF
8 bits (“00H”)
16 bits
SOF
Flags
Command (Lock AFI) UID (Addressed mode)
CRC
EOF
8 bits
8 bits (“28H”)
64 bits
16 bits
SOF
Flags
Error code
CRC
EOF
8 bits (“01H”)
8 bits
16 bits
SOF
Flags
CRC
EOF
8 bits (“00H”)
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com