Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89R119B Datasheet(PDF) 6 Page - RAMXEED LIMITED

Part # MB89R119B
Description  FeRAM Embedded High-speed RFID LSI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R119B Datasheet(HTML) 6 Page - RAMXEED LIMITED

Back Button MB89R119B Datasheet HTML 2Page - RAMXEED LIMITED MB89R119B Datasheet HTML 3Page - RAMXEED LIMITED MB89R119B Datasheet HTML 4Page - RAMXEED LIMITED MB89R119B Datasheet HTML 5Page - RAMXEED LIMITED MB89R119B Datasheet HTML 6Page - RAMXEED LIMITED MB89R119B Datasheet HTML 7Page - RAMXEED LIMITED MB89R119B Datasheet HTML 8Page - RAMXEED LIMITED MB89R119B Datasheet HTML 9Page - RAMXEED LIMITED MB89R119B Datasheet HTML 10Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
MB89R119B
6
DS411-00002-4v0-E
2. Application Family Identifier (AFI)
The application family identifier (AFI) represents the type of application set by the transponder.
The AFI can be written with a command. The AFI is 8-bit data and is stored in the system area of memory
(FeRAM).
The initial data of the AFI is “00H”.
Types of AFI
* : Reserved for future use
Note : Both X value and Y value are “1” to “F”.
In the status of the AFI_flag (bit 5) setting;
If the AFI is not supported by the transponder, no response to all requests is returned.
If the AFI is supported by the transponder, the response is returned only if the value is in accord with
the AFI sent from a reader/writer.
3. Data Storage Format Identifier (DSFID)
The data storage format identifier (DSFID) indicates how data is structured in the transponder (LSI memory
device). The DSFID can be written with a command.
The DSFID is 8-bit data and is stored in the system area of memory (FeRAM). The initial data of the DSFID
is “01H”.
Application
Family
(bit 8 to bit 5)
Application
Sub-Family
(bit 4 to bit 1)
Application Field
Example/Note
“0”
“0”
All families and sub-families
No applicative preselection
X
“0”
All sub-families of family X
Wide applicative preselection
X
Y
Only the Yth sub-families of family X
“0”
Y
All families of Yth sub-families
“1”
“0”, Y
Transport
Mass transit, bus, airline
“2”
“0”, Y
Financial
IEP, banking, retail
“3”
“0”, Y
Identification
Access control
“4”
“0”, Y
Telecommunication
Public telephone, GSM
“5”
“0”, Y
Medical
“6”
“0”, Y
Multimedia
Internet services
“7”
“0”, Y
Gaming
“8”
“0”, Y
Data storage
Portable files
“9”
“0”, Y
EAN-UCC system for
application identifiers
Managed by ISO/IEC JTC 1/SC 31
“A”
“0”, Y
ISO/IEC JTC 1/SC 31
Data identifiers as defined in
ISO/IEC 15418
“B”
“0”, Y
UPU
Managed by ISO/IEC JTC 1/SC31
“C”
“0”, Y
IATA
Managed by ISO/IEC JTC 1
“D”
“0”, Y
RFU*
Managed by ISO/IEC JTC 1/SC 17
“E”
“0”, Y
Managed by ISO/IEC JTC 1/SC 17
“F”
“0”, Y
Managed by ISO/IEC JTC 1/SC 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com