Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89R119B Datasheet(PDF) 34 Page - RAMXEED LIMITED

Part # MB89R119B
Description  FeRAM Embedded High-speed RFID LSI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R119B Datasheet(HTML) 34 Page - RAMXEED LIMITED

Back Button MB89R119B Datasheet HTML 30Page - RAMXEED LIMITED MB89R119B Datasheet HTML 31Page - RAMXEED LIMITED MB89R119B Datasheet HTML 32Page - RAMXEED LIMITED MB89R119B Datasheet HTML 33Page - RAMXEED LIMITED MB89R119B Datasheet HTML 34Page - RAMXEED LIMITED MB89R119B Datasheet HTML 35Page - RAMXEED LIMITED MB89R119B Datasheet HTML 36Page - RAMXEED LIMITED MB89R119B Datasheet HTML 37Page - RAMXEED LIMITED MB89R119B Datasheet HTML 38Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
MB89R119B
34
DS411-00002-4v0-E
3. Custom Command
The IC manufacturing code is required to use a Custom command. The IC manufacturing code for the
MB89R119B is “08H”.
3-1. EAS command
On EAS command reception, the transponder returns the response code (“5AH”) repeated 6 times after the
specified flag (“00H”) if the EAS bit is “1” or returns no response if the EAS bit is “0”. The EAS command can
be executed only when the transponder is in the Ready state.
Request (from the reader/writer to the transponder)
Response (from the transponder to the reader/writer)
3-2. Write EAS command
On Write EAS command reception, the transponder writes the EAS bit into FeRAM.
The transponder performs verification after writing and returns an error code if the writing has failed.
The EAS bit must be set to “00H” to cancel anti-theft or goods-monitoring mode. The bit must be set to “01H”
as the EAS data to set up the goods-monitoring mode.
If the Option_flag (bit 7) is “0”, the transponder shall return its response when it has completed the write
operation starting after “t1nom (320.9 s) + a multiple of 4096/fc (302.1 s)” with total tolerance of -32/fc to
+32/fc (2.4 s) and latest within 20 ms. If it is “1”, transponder shall wait for the reception of an EOF from
the reader/writer and upon such reception still return its response. (However, if an EOF is not sent within
38 ms, the time-out occurs and the transponder can receive another command.)
Request (from the reader/writer to the transponder)
Response (from the transponder to the reader/writer)
(1) When Error_flag set
(2) When Error_flag not set
SOF
Flags
Command (EAS)
ICmanufacturingcode
(necessary)
CRC
EOF
8 bits
8 bits (“A0H”)
8 bits(“08H”)
16 bits
SOF
Flags
Response code
CRC
EOF
8 bits (“00H”)
48 bits (6 times repeat of “5AH”)
16 bits
SOF
Flags
Command
(Write EAS)
IC manufacturing
code (necessary)
UID
(Addressed mode)
Data
CRC
EOF
8 bits
8 bits (“A1H”)
8 bits (“08H”)
64 bits
8 bits
(“00H” or “01H”) 16 bits
SOF
Flags
Error code
CRC
EOF
8 bits (“01H”)
8 bits
16 bits
SOF
Flags
CRC
EOF
8 bits (“00H”)
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com