Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89R119B Datasheet(PDF) 40 Page - RAMXEED LIMITED

Part # MB89R119B
Description  FeRAM Embedded High-speed RFID LSI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R119B Datasheet(HTML) 40 Page - RAMXEED LIMITED

Back Button MB89R119B Datasheet HTML 36Page - RAMXEED LIMITED MB89R119B Datasheet HTML 37Page - RAMXEED LIMITED MB89R119B Datasheet HTML 38Page - RAMXEED LIMITED MB89R119B Datasheet HTML 39Page - RAMXEED LIMITED MB89R119B Datasheet HTML 40Page - RAMXEED LIMITED MB89R119B Datasheet HTML 41Page - RAMXEED LIMITED MB89R119B Datasheet HTML 42Page - RAMXEED LIMITED MB89R119B Datasheet HTML 43Page - RAMXEED LIMITED MB89R119B Datasheet HTML 44Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
MB89R119B
40
DS411-00002-4v0-E
ABSOLUTE MAXIMUM RATINGS
WARNING: Semiconductor devices may be permanently damaged by application of stress (including, without
limitation, voltage, current or temperature) in excess of absolute maximum ratings.
Do not exceed any of these ratings.
RECOMMENDED OPERATING CONDITIONS
*:The minimum value of t3 on ASK100% does not meet ISO/IEC15693.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of
the semiconductor device. All of the device's electrical characteristics are warranted when the
device is operated under these conditions.
Any use of semiconductor devices will be under their recommended operating condition.
Operation under any conditions other than these conditions may adversely affect reliability of
device and could result in device failure.
No warranty is made with respect to any use, operating conditions or combinations not represented
on this data sheet. If you are considering application under any conditions other than listed herein,
please contact sales representatives beforehand.
Note However, because the communication characteristics is deeply related with the combination of antenna,
reader/writer, and operating environment, this condition does not ensure the complete operation of
transponders. Therefore it is recommended to confirm the communication characteristics with the actual
antenna and reader/writer beforehand.
The values are confirmed with a reference antenna in the input capacitance 24 pF products, and its
parameters are as follows.
External size
: 75 mm  46 mm
Number of turns
: 6
Width of conductor
: 1 mm
Space between 2 conductors
: 0.4 mm
Parameter
Symbol
Ratings
Unit
Remarks
Min
Max
Maximum antenna input current
Imax
90
mApp
Input current
IRF
30
mArms Antenna connected.
ESD voltage immunity
|VESD|
2
kV
Human body model
Storage temperature
Tstg
55
125
C
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Minimum antenna input voltage
VRF
7.5
10.2
Vp-p
Antenna connected.
ASK modulation index (10%)
m
10
30
Antenna connected.
ASK modulation index (100%)
m
95
100
Antenna connected.
ASK pulse width (10%)
t1
6.0
9.44
s
Antenna connected.
t2
3.0
t1
s
Antenna connected.
t3
0
4.5
s
Antenna connected.
ASK pulse width (100%)
t1
6.0
9.44
s
Antenna connected.
t2
2.1
t1
s
Antenna connected.
t3
1.0*
4.5
s
Antenna connected.
t4
0
0.8
s
Antenna connected.
Input frequency
Fin
13.553
13.560
13.567
MHz
Antenna connected.
Operating temperature
Ta
20
85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com