Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89R119B Datasheet(PDF) 16 Page - RAMXEED LIMITED

Part # MB89R119B
Description  FeRAM Embedded High-speed RFID LSI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R119B Datasheet(HTML) 16 Page - RAMXEED LIMITED

Back Button MB89R119B Datasheet HTML 12Page - RAMXEED LIMITED MB89R119B Datasheet HTML 13Page - RAMXEED LIMITED MB89R119B Datasheet HTML 14Page - RAMXEED LIMITED MB89R119B Datasheet HTML 15Page - RAMXEED LIMITED MB89R119B Datasheet HTML 16Page - RAMXEED LIMITED MB89R119B Datasheet HTML 17Page - RAMXEED LIMITED MB89R119B Datasheet HTML 18Page - RAMXEED LIMITED MB89R119B Datasheet HTML 19Page - RAMXEED LIMITED MB89R119B Datasheet HTML 20Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
MB89R119B
16
DS411-00002-4v0-E
Response Error code definitions
8. Anti-Collision Algorithm
The MB89R119B executes an anti-collision sequence loop based on ISO/IEC 15693.
The purpose of the anti-collision sequence is to make an inventory of the transponders present in the reader/
writer field by their unique ID (UID).
The reader/writer issues an Inventory command to transponders, and some transponders return responses
while other transponders do not respond, according to the algorithm described in "10. Execution of Inventory
Command by a Transponder".
9. REQUEST PARAMETER
Request Parameter Settings
Set the reader/writer as follows before issuing the Inventory command.
The Nb_slots_flag (bit6), which is a request flag, is set to the desired value :
“0” : 16 slots (for plural transponders)
“1” : 1 slot (for single transponder)
A mask length and a mask value are added after the command code.
The mask length indicates the significant bits of the mask value.
The mask value is integer bytes of data, transmitted beginning with the least bit. If the mask length is not
a multiple of 8 (bits), 0 is padded on the MSB side of the mask value so that the data is in units of bytes.
The following figure shows an example of the mask value with padding. Since the mask length is 12 bits,
the mask value is padded with 4 bits on the MSB side so that the mask data is in units of bytes (2 bytes =
16 bits in this case).
If the AFI_flag (bit 5) in the request flags is set in the format explained in "6. Request Format", an AFI field
is added to the format. The command ends with transmission of an EOF signal as described in "1. Commu-
nication from Reader/Writer to Transponder". Thereafter, processing in the first slot starts immediately. To
proceed to the next slot, the reader/writer sends an EOF signal.
Format of the Command
Error code
Meaning
“01”
The command is not supported. Example: Command code error
“02”
The command is not recognized. Example: Format error
“03”
The command option is not supported.
“10”
The specified block is not available (does not exist).
“11”
The specified block is already locked and thus cannot be locked again.
“12”
The specified block is already locked, and its contents cannot be changed.
“13”
The specified block was not successfully programed (a write verify error occurred).
“14”
The specified block was not successfully locked (a lock verify error occurred).
SOF
Flags
Command code Optional AFI Mask length Mask value
CRC
EOF
8 bits
8 bits
8 bits
8 bits
0 to 64 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com