Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89R119B Datasheet(PDF) 14 Page - RAMXEED LIMITED

Part # MB89R119B
Description  FeRAM Embedded High-speed RFID LSI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R119B Datasheet(HTML) 14 Page - RAMXEED LIMITED

Back Button MB89R119B Datasheet HTML 10Page - RAMXEED LIMITED MB89R119B Datasheet HTML 11Page - RAMXEED LIMITED MB89R119B Datasheet HTML 12Page - RAMXEED LIMITED MB89R119B Datasheet HTML 13Page - RAMXEED LIMITED MB89R119B Datasheet HTML 14Page - RAMXEED LIMITED MB89R119B Datasheet HTML 15Page - RAMXEED LIMITED MB89R119B Datasheet HTML 16Page - RAMXEED LIMITED MB89R119B Datasheet HTML 17Page - RAMXEED LIMITED MB89R119B Datasheet HTML 18Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
MB89R119B
14
DS411-00002-4v0-E
6. Request Format
Figure shows a typical example of the request data format, and Table shows the definition of request flag bits.
Request flags bit 1 to bit 4 definition
* : Reserved for Future use
Note : “Inventory_flag” of bit3 is determined whether “Inventory command” (select “1”) or other command (select
“0”) is used.
Request flags bit 5 to bit 8 definition (When Inventory command is selected [Inventory_flag = “1”])
* : Reserved for future use
Bit
Flag name
Value
State/Description
1
Sub-carrier_flag
0
One subcarrier selected
1
Two subcarriers selected (not supported)
2
Data_rate_flag
0
Low data rate (6.62 kbps) selected
1
High data rate (26.48 kbps) selected
3
Inventory_flag
0
Command other than Inventory command selected
1
Inventory command selected
4
Protocol_Extension_flag
0
Protocol not extended
1
Protocol extended (RFU)
Bit
Flag name
Value
State/Description
5
AFI_flag
0
AFI not set
1
AFI set (response when it is in accord with AFI of the
transponder)
6
Nb_slots_flag
0
16 slots
1
1 slot
7
Option_flag
0
Command option not supported
1
Command option supported (not supported)
8
RFU*
0
Set to “0”
1
Structure of the request frame
SOF
Flags
Command code
Parameters
Data
CRC
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com