Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89R119B Datasheet(PDF) 44 Page - RAMXEED LIMITED

Part # MB89R119B
Description  FeRAM Embedded High-speed RFID LSI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R119B Datasheet(HTML) 44 Page - RAMXEED LIMITED

Back Button MB89R119B Datasheet HTML 38Page - RAMXEED LIMITED MB89R119B Datasheet HTML 39Page - RAMXEED LIMITED MB89R119B Datasheet HTML 40Page - RAMXEED LIMITED MB89R119B Datasheet HTML 41Page - RAMXEED LIMITED MB89R119B Datasheet HTML 42Page - RAMXEED LIMITED MB89R119B Datasheet HTML 43Page - RAMXEED LIMITED MB89R119B Datasheet HTML 44Page - RAMXEED LIMITED MB89R119B Datasheet HTML 45Page - RAMXEED LIMITED MB89R119B Datasheet HTML 46Page - RAMXEED LIMITED  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
MB89R119B
44
DS411-00002-4v0-E
ORDERING INFORMATION
Part number
Input
capacitance
Shipping method
Marking of
Failed Chips
MB89R119B1-DIAP15-JN
24pF
Wafer (After dicing) with Frame
Au Plating Bump
Wafer thickness: 150 m  25.4 m
Wafer map
MB89R119B1-DIAP15-JNP1
Bad mark
MB89R119B2-DIAP15-JN
96pF
Wafer map
MB89R119B2-DIAP15-JNP1
Bad mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com