Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89R119B Datasheet(PDF) 1 Page - RAMXEED LIMITED

Part # MB89R119B
Description  FeRAM Embedded High-speed RFID LSI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R119B Datasheet(HTML) 1 Page - RAMXEED LIMITED

  MB89R119B Datasheet HTML 1Page - RAMXEED LIMITED MB89R119B Datasheet HTML 2Page - RAMXEED LIMITED MB89R119B Datasheet HTML 3Page - RAMXEED LIMITED MB89R119B Datasheet HTML 4Page - RAMXEED LIMITED MB89R119B Datasheet HTML 5Page - RAMXEED LIMITED MB89R119B Datasheet HTML 6Page - RAMXEED LIMITED MB89R119B Datasheet HTML 7Page - RAMXEED LIMITED MB89R119B Datasheet HTML 8Page - RAMXEED LIMITED MB89R119B Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Copyright 2024 RAMXEED LIMITED
Fujitsu Semiconductor Memory Solutions Limited has changed its name to RAMXEED Limited.
RAMXEED Limited will continue to offer and support existing products while maintaining Fujitsu's
part number unchanged.
ASSP
FeRAM Embedded High-speed RFID LSI
MB89R119B
DESCRIPTION
The MB89R119B is a vicinity type of RFID LSI device embedded with 256 bytes FeRAM, which enables fast
and frequent write operation.
FEATURES
• 256 bytes FeRAM memory (232 bytes of user area)
• 4-byte/block configuration, 64 blocks
• High-speed data transmission at 26.48 kbps
• Fast command supported (data transmission at 52.97 kbps) (MB89R119B  Reader/Writer)
• Carrier frequency at 13.56 MHz
• Anti-collision function : 40 tags per second (when using ASK 100)
• Read/Write endurance : 1012 times
• Data retention : 10 years (  85 C), 30 years (+70 C)
• 64-bit UID
• FeRAM memory data protection
• Electronic article surveillance (EAS) command
• Kill command (to disable communication eternally)
• Transmission protocol based on ISO/IEC 15693, ISO/IEC 18000-3 (Mode 1) (*)
* : Refer to “ USAGE NOTES”.
DS411-00002-4v0-E


Similar Part No. - MB89R119B

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
More results

Similar Description - MB89R119B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN86063 PANASONIC-MN86063 Datasheet
62Kb / 10P
High-Speed CODEC LSI for Facsimile Images
logo
fujitsu semiconductor
ISO15693 FUJITSU-ISO15693 Datasheet
456Kb / 45P
High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
logo
Freescale Semiconductor...
33902 FREESCALE-33902 Datasheet
651Kb / 31P
High Speed CAN Interface with Embedded 5.0 V Supply
logo
fujitsu semiconductor
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
logo
SICK AG
RFH620-1000001 SICK-RFH620-1000001 Datasheet
936Kb / 6P
RFID
2017-05-12
RFU620-10501 SICK-RFU620-10501 Datasheet
1Mb / 7P
RFID
2017-05-12
RFU630-13105 SICK-RFU630-13105 Datasheet
1Mb / 8P
RFID
2017-05-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com