Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89R119B Datasheet(PDF) 41 Page - RAMXEED LIMITED

Part # MB89R119B
Description  FeRAM Embedded High-speed RFID LSI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R119B Datasheet(HTML) 41 Page - RAMXEED LIMITED

Back Button MB89R119B Datasheet HTML 37Page - RAMXEED LIMITED MB89R119B Datasheet HTML 38Page - RAMXEED LIMITED MB89R119B Datasheet HTML 39Page - RAMXEED LIMITED MB89R119B Datasheet HTML 40Page - RAMXEED LIMITED MB89R119B Datasheet HTML 41Page - RAMXEED LIMITED MB89R119B Datasheet HTML 42Page - RAMXEED LIMITED MB89R119B Datasheet HTML 43Page - RAMXEED LIMITED MB89R119B Datasheet HTML 44Page - RAMXEED LIMITED MB89R119B Datasheet HTML 45Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
MB89R119B
DS411-00002-4v0-E
41
ELECTRICAL CHARACTERISTICS
DC characteristics
* : The capacitance value is an alternative value, which is distinguished with the part number. The values are
controlled by PCM (Process Control Monitor) in the wafer.
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Load modulation resistance
RlSW
1.1
k
Input capacitance*
24pF
Cant
22.8
24.0
25.2
pF
Voltage between
antennas  2 Vrms
96pF
86.4
96.0
105.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com