Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89R119B Datasheet(PDF) 27 Page - RAMXEED LIMITED

Part # MB89R119B
Description  FeRAM Embedded High-speed RFID LSI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R119B Datasheet(HTML) 27 Page - RAMXEED LIMITED

Back Button MB89R119B Datasheet HTML 23Page - RAMXEED LIMITED MB89R119B Datasheet HTML 24Page - RAMXEED LIMITED MB89R119B Datasheet HTML 25Page - RAMXEED LIMITED MB89R119B Datasheet HTML 26Page - RAMXEED LIMITED MB89R119B Datasheet HTML 27Page - RAMXEED LIMITED MB89R119B Datasheet HTML 28Page - RAMXEED LIMITED MB89R119B Datasheet HTML 29Page - RAMXEED LIMITED MB89R119B Datasheet HTML 30Page - RAMXEED LIMITED MB89R119B Datasheet HTML 31Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
MB89R119B
DS411-00002-4v0-E
27
2-3. Lock Block command
On receiving the Lock Block command, the transponder locks (write disable) permanently the requested
block.
The transponder performs verification after writing and returns an error code if the writing has failed.
If the Option_flag (bit 7) is “0”, the transponder shall return its response when it has completed the lock
operation starting after “t1nom (320.9 s) + a multiple of 4096/fc (302.1 s)” with total tolerance of  32/fc
(2.4 s) and latest within 20 ms. If it is “1”, transponder shall wait for the reception of an EOF from the reader/
writer and upon such reception still return its response. (However, if an EOF is not sent within 38 ms, the
time-out occurs and the transponder can receive another command.)
Once the Lock Block command has been received, data in the locked block cannot be changed by the Write
commands.
Request (from the reader/writer to the transponder)
Response (from the transponder to the reader/writer)
(1) When Error_flag set
(2) When Error_flag not set
2-4. Read Multiple Blocks Command
On receiving the Read Multiple Blocks command, the transponder reads the requested block(s) and returns
their value in the response.
Up to 64 blocks of data can be read for one request.
If the Option_flag (bit 7) is “1”, the transponder adds block security status information in the response. If the
Option_flag (bit 7) is “0”, the transponder returns only the data in the specified blocks to the reader/writer.
The value of the "number of blocks" field specified in the request is the expected number of blocks minus 1.
Setting the number of blocks to “06H” makes a request to read 7 blocks. Setting the number of blocks to
“00H” makes a request to read 1 block (the request having the same effect as the Read Single Block
command).
The maximum number of blocks to be set is “3FH”.
Request (from the reader/writer to the transponder)
SOF
Flags
Command
(Lock Block)
UID
(Addressed mode)
Block
number
CRC
EOF
8 bits
8 bits (“22H”)
64 bits
8 bits
16 bits
SOF
Flags
Error code
CRC
EOF
8 bits (“01H”)
8 bits
16 bits
SOF
Flags
CRC
EOF
8 bits (“00H”)
16 bits
SOF
Flags
Command
(Read Multiple
Blocks)
UID
(Addressed mode)
First block
number
Number of
blocks
CRC
EOF
8 bits
8 bits (“23H”)
64 bits
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com