Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP.A Datasheet(PDF) 15 Page - Texas Instruments

Part # DAC5686IPZP.A
Description  16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5686IPZP.A Datasheet(HTML) 15 Page - Texas Instruments

Back Button DAC5686IPZP.A Datasheet HTML 11Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 12Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 13Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 14Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 15Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 16Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 17Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 18Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
f – Frequency – MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
15
20
25
30
35
40
45
fDATA = 122.88 MSPS
fIN = 30.72 MHz
ACLR = 71.69 dB
4y Interpolation
Dual DAC Mode
PLLVDD = 0 V
G013
f – Frequency – MHz
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
46
51
56
61
66
71
76
G014
fDATA = 122.88 MSPS
fIN = Baseband Complex
ACLR = 69.08 dB
2y Interpolation
Quad Mode
PLLVDD = 0 V
f – Frequency – MHz
−110
−90
−70
−50
−30
−10
138
143
148
153
158
163
168
G016
fDATA = 122.88 MSPS
fIN = 30.72 MHz Complex
ACLR = 58.58 dB
4y Interpolation
Quad Mode
PLLVDD = 0 V
f – Frequency – MHz
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
72
77
82
87
92
97
102
107
112
G015
fDATA = 122.88 MSPS
fIN = –30.72 MHz Complex
ACLR = 63.29 dB
4y Interpolation
Quad Mode
PLLVDD = 0 V
DAC5686
www.ti.com ............................................................................................................................................................ SLWS147F – APRIL 2003 – REVISED JUNE 2009
TYPICAL CHARACTERISTICS (continued)
WCDMA TEST MODEL 1: DUAL CARRIER
WCDMA TEST MODEL 1: DUAL CARRIER
Figure 13.
Figure 14.
WCDMA TEST MODEL 1: FOUR CARRIER
WCDMA TEST MODEL 1: DUAL CARRIER
Figure 15.
Figure 16.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com