Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP.A Datasheet(PDF) 46 Page - Texas Instruments

Part # DAC5686IPZP.A
Description  16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5686IPZP.A Datasheet(HTML) 46 Page - Texas Instruments

Back Button DAC5686IPZP.A Datasheet HTML 42Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 43Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 44Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 45Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 46Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 47Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 48Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 49Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
Analog Current Outputs
IOUT1
IOUT2
S(1)
S(1)C
RLOAD
RLOAD
S(2)
S(2)C
S(N)
S(N)C
AVDD
S0032-01
DAC5686
SLWS147F – APRIL 2003 – REVISED JUNE 2009 ............................................................................................................................................................ www.ti.com
Figure 50 shows a simplified schematic of the current source array with corresponding switches. Differential
switches direct the current of each individual NMOS current source to either the positive output node IOUT1 or
its complementary negative output node IOUT2. The output impedance is determined by the stack of the current
sources and differential switches and is typically >300 k
Ω in parallel with an output capacitance of 5 pF.
The external output resistors are terminated to AVDD. The maximum output compliance at nodes IOUT1 and
IOUT2 is limited to AVDD + 0.5 V, determined by the CMOS process. Beyond this value, transistor breakdown
can occur, resulting in reduced reliability of the DAC5686 device. The minimum output compliance voltage at
nodes IOUT1 and IOUT2 equals AVDD – 0.5 V. Exceeding the minimum output compliance voltage adversely
affects distortion performance and integral nonlinearity. The optimum distortion performance for a single-ended
or differential output is achieved when the maximum full-scale signal at IOUT1 and IOUT2 does not exceed
0.5 V.
Figure 50. Equivalent Analog Current Output
The DAC5686 can be easily configured to drive a doubly terminated 50-
Ω cable using a properly selected RF
transformer. Figure 51 and Figure 52 show the 50-
Ω doubly terminated transformer configuration with 1:1 and
4:1 impedance ratios, respectively. Note that the center tap of the primary input of the transformer must be
connected to AVDD to enable a dc current flow. Applying a 20-mA full-scale output current would lead to a
0.5-Vpp output for a 1:1 transformer and a 1-Vpp output for a 4:1 transformer.
46
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com