Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP.A Datasheet(PDF) 38 Page - Texas Instruments

Part # DAC5686IPZP.A
Description  16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5686IPZP.A Datasheet(HTML) 38 Page - Texas Instruments

Back Button DAC5686IPZP.A Datasheet HTML 34Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 35Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 36Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 37Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 38Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 39Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 40Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 41Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
Register Bit Allocation Map
REGISTER DESCRIPTIONS
DAC5686
SLWS147F – APRIL 2003 – REVISED JUNE 2009 ............................................................................................................................................................ www.ti.com
NAME
R/W
ADDRE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SS
chip_ver
R/W
0x00
atest[4:0]
version[2:0] read only
freq_lsb
R/W
0x01
freq_int[7:0]
freq_lmidsb
R/W
0x02
freq_int[15:8]
freq_umidsb
R/W
0x03
freq_int[23:16]
freq_msb
R/W
0x04
freq_int[31:24]
phase_lsb
R/W
0x05
phase_int[7:0]
phase_msb
R/W
0x06
phase_int[15:8]
config_lsb
R/W
0x07
mode[1:0]
div[1:0]
sel[1:0]
counter
full_
bypass
config_msb
R/W
0x08
ssb
interl
sinc
dith
sync_phstr
nco
sif4
twos
config_usb
R/W
0x09
dual_clk
DDS_gain[1:0]
rspect
qflag
PLL_rng[1:0]
rev_bbus
daca_offset_lsb
R/W
0x0A
daca_offset[7:0]
daca_gain_lsb
R/W
0x0B
daca_gain[7:0]
daca_offset_gain_
R/W
0x0C
daca_offset[10:8]
sleepa
daca_gain[11:8]
msb
dacb_offset_lsb
R/W
0x0D
dacb_offset[7:0]
dacb_gain_lsb
R/W
0x0E
dacb_gain[7:0]
dacb_offset_gain_
R/W
0x0F
dacb_offset[10:8]
sleepb
dacb_gain[11:8]
msb
Register Name: chip_ver
MSB
LSB
atest[4:0]
chip_ver[2:0] read only
0
0
0
0
0
1
0
1
chip_ver[3:0]: chip_ver [3:0] stores the device version, initially 0x5. The user can find out which version of the
DAC5686 is in the system by reading this byte.
a_test[4:0]: must be 0 for proper operation.
Register Name: freq_lsb
MSB
LSB
freq_int[7:0]
0
0
0
0
0
0
0
0
freq_int[7:0]: The lower 8 bits of the frequency register in the DDS block
Register Name: freq_lmidsb
MSB
LSB
freq_int[15:8]
0
0
0
0
0
0
0
0
freq_int[15:8]: The lower mid 8 bits of the frequency register in the DDS block
Register Name: freq_umidsb
MSB
LSB
freq_int[23:16]
0
0
0
0
0
0
0
0
38
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com