Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP.A Datasheet(PDF) 43 Page - Texas Instruments

Part # DAC5686IPZP.A
Description  16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5686IPZP.A Datasheet(HTML) 43 Page - Texas Instruments

Back Button DAC5686IPZP.A Datasheet HTML 39Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 40Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 41Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 42Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 43Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 44Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 45Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 46Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
DA[15:0]
DB[15:0]
SLEEP
PHSTR
TXENABLE
QFLAG
SDIO
SCLK
SDENB
Internal
Digital In
IOVDD
IOGND
RESETB
Internal
Digital In
IOVDD
IOGND
S0027–02
400 W
400 W
100
kW
100
kW
CLOCK INPUT AND TIMING
CLK
Internal
Digital In
CLKC
CLKGND
R1
10 k
Ω
CLKVDD
R1
10 k
Ω
R2
10 k
Ω
R2
10 k
Ω
CLKVDD
CLKVDD
S0028-01
DAC5686
www.ti.com ............................................................................................................................................................ SLWS147F – APRIL 2003 – REVISED JUNE 2009
Figure 45. CMOS/TTL Digital Equivalent Input
Figure 46 shows an equivalent circuit for the clock input.
Figure 46. Clock Input Equivalent Circuit
Figure 47, Figure 48, and Figure 49 show various input configurations for driving the differential clock input
(CLK/CLKC).
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com