Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP.A Datasheet(PDF) 29 Page - Texas Instruments

Part # DAC5686IPZP.A
Description  16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5686IPZP.A Datasheet(HTML) 29 Page - Texas Instruments

Back Button DAC5686IPZP.A Datasheet HTML 25Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 26Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 27Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 28Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 29Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 30Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 31Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 32Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
fO − Output Frequency − MHz
−70
−60
−50
−40
−30
−20
−10
0
0
25
50
75
100
125
150
175
G020
IF − fDAC/2
IF
± fDAC/8
IF − fDAC y 3/4
IF
± fDAC/4
fO − Output Frequency − MHz
−70
−60
−50
−40
−30
−20
−10
0
0
25
50
75
100
125
150
175
G021
IF − fDAC/2
IF
± fDAC/8
IF − fDAC y 3/4
IF
± fDAC/4
DAC5686
www.ti.com ............................................................................................................................................................ SLWS147F – APRIL 2003 – REVISED JUNE 2009
(a)
(b)
Figure 29. Typical Amplitude of Clock-Related Spurious Signals in (a) External-Clock Mode and (b) PLL
Mode
The amplitudes in Figure 29 are typical values and will vary by a few dB across different parts, supply voltages,
and temperatures. Figure 28 and Figure 29 can be used to estimate the non-harmonic clock-related harmonic
signals. Take the example for using the DAC5686 in external-clock mode, fDAC = 500 MHz, 4× interpolation, and
IF = 85 MHz with a real output. Figure 28(b) and Figure 29(a) predict the spurious signals shown in Table 4.
Table 4. Predicted Frequency and Amplitude for
fDAC – 500 MHz, 4× Interpolation, IF = 85 MHz in
External-Clock Mode
Spurious Signal
Frequency (MHz)
Amplitude (dBc)
IF – fDAC/2
165
–47
IF + fDAC/4
210
–64
IF – fDAC/4
40
–64
IF – fDAC × 3/4
> 250
N/A
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com