Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP.A Datasheet(PDF) 41 Page - Texas Instruments

Part # DAC5686IPZP.A
Description  16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5686IPZP.A Datasheet(HTML) 41 Page - Texas Instruments

Back Button DAC5686IPZP.A Datasheet HTML 37Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 38Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 39Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 40Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 41Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 42Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 43Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 44Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
DAC5686
www.ti.com ............................................................................................................................................................ SLWS147F – APRIL 2003 – REVISED JUNE 2009
ensure that max(abs(cos(
ωt) + sin(ωt))) < 1. At different frequencies, the summation produces different maximum
outputs and must be reduced. The simplest is fDAC/4 mode where the maximum is 1 and the gain multiply should
be 1 to maintain unity. However, due to the fact that the digital logic does a divide-by-two in this summation, the
gain necessary to achieve unity must be double (DDS_gain[1:0] = 01). Table 10 shows the digital gain necessary
and the actual signal gain needed to make the above equation have a maximum value of 1.
Table 10. Digital Gain for DDS
DDS_gain [1:0]
DIGITAL GAIN
SIGNAL GAIN FOR UNITY
00
1.40625
0.703125
01
2
1
10
1.59375
0.7936
11
1.40625
0.703125
rspect: When asserted, the sin term is negated before being used in mixing. This gives the reverse spectrum in
single-sideband mode.
qflag: When asserted, the QFLAG pin is used by the user as an input indicator during interleaved data input
mode to identify the Q sample. When deasserted, the TxENABLE pin transition is used to start an internal
toggling signal, which is used to interpret the interleaved data sequence; the first sample clocked into the
DAC5686 after TxENABLE goes high is routed through the A data path.
PLL_rng[1:0]: Increases the PLL VCO VtoI current, summarized in Table 11. See Figure 17 for the effect on
VCO gain and range.
Table 11. PLL VCO Vtol Current Increase
PLL_rng[1:0]
VtoI CURRENT INCREASE
00
nominal
01
15%
10
30%
11
45%
rev_bbus[1:0]: When asserted, pin 92 changes from DB15 to DB0, pin 91 changes from DB14 to DB1, etc.,
reversing the order of the DB[15:0] pins.
Register Name: daca_offset_lsb (2s complement)
MSB
LSB
daca_offset[7:0]
0
0
0
0
0
0
0
0
daca_offset[7:0]: The lower 8 bits of the DACA offset
Register Name: daca_gain_lsb (2s complement)
MSB
LSB
daca_gain[7:0]
0
0
0
0
0
0
0
0
daca_gain[7:0]: The lower 8 bits of the DACA gain control register. These lower 8 bits are for fine gain control.
This word is a 2s complement value that adjusts the full-scale output current over an approximate 4% to –4%
range.
Register Name: daca_offset_gain_msb (2s complement)
MSB
LSB
daca_offset[10:8]
sleepa
daca_gain[11:8]
0
0
0
0
0
0
0
0
daca_offset[10:8]: The upper 3 bits of the DACA _offset
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com