Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP.A Datasheet(PDF) 19 Page - Texas Instruments

Part # DAC5686IPZP.A
Description  16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5686IPZP.A Datasheet(HTML) 19 Page - Texas Instruments

Back Button DAC5686IPZP.A Datasheet HTML 15Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 16Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 17Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 18Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 19Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 20Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 21Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 22Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
+
+
+
–
I
Q
DAC
DAC
A
B
LO
Quadrature
Modulator
DAC5686
cos(w
ct)
sin(w
ct)
sin(w
ct)
cos(w
ct)
A(t) = I(t)cos(w
w
c
c
t) – Q(t)sin(
t)
B(t) = I(t)sin(w
w
c
c
t) + Q(t)cos(
t)
cos(w
LOt)
sin(w
LOt)
0°
90°
IF(t) = I(t)cos(w
w
w
w
c
LO
c
LO
+
)t
– Q(t)sin(
+
)t
B0022–01
0
0
ω
c
ω
ω
ω
ω
LO
ω
LO – ωc
ω
LO + ωc
Real Input
Spectrum
to DAC5686
Complex Input
Spectrum
to Quadrature Modulator
Output Spectrum
to Quadrature Modulator
M0016-01
DAC5686
www.ti.com ............................................................................................................................................................ SLWS147F – APRIL 2003 – REVISED JUNE 2009
Figure 20. DAC5686 in SSB Mode With Quadrature Modulator
Figure 21. Spectrum After First and Second Up-Converson for Real Input
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com