Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP.A Datasheet(PDF) 37 Page - Texas Instruments

Part # DAC5686IPZP.A
Description  16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5686IPZP.A Datasheet(HTML) 37 Page - Texas Instruments

Back Button DAC5686IPZP.A Datasheet HTML 33Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 34Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 35Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 36Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 37Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 38Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 39Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 40Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
NCO
Frequency
Register
32
Accumulator
32
RESET
CLK
PHSTR
32
32
Phase
Register
16
16
16
Look-Up
Table
sin
cos
Σ
Σ
16
16
fDAC
B0026-01
f
NCO +
freq
f
DAC
232
DAC5686
www.ti.com ............................................................................................................................................................ SLWS147F – APRIL 2003 – REVISED JUNE 2009
Table 5. Filter Taps for FIR1–FIR5 (continued)
FIR1
FIR2
FIR3
FIR4
FIR5 (INVSINC)
0
58
0
–24
0
8
The DAC5686 uses a numerically controlled oscillator (NCO) with a 32-bit frequency register and a 16-bit phase
register. The NCO is used in quadrature-modulation and single-sideband modes to provide sin and cos for
mixing. The NCO tuning frequency is programmed in registers 0x1 through 0x4. Phase offset is programmed in
registers 0x5 and 0x6. A block diagram of the NCO is shown in Figure 44.
Figure 44. Block Diagram of the NCO
The NCO accumulator is reset to zero when the PHSTR pin is high and remains at zero until PHSTR is set low.
Frequency word freq in the frequency register is added to the accumulator every clock cycle. The output
frequency of the NCO is:
While the maximum clock frequency of the DACs is 500 MSPS, the maximum clock frequency the NCO can
operate at is 320 MHz; mixing at DAC rates higher than 320 MSPS requires using the fDAC/4 mixing option.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com