Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP.A Datasheet(PDF) 23 Page - Texas Instruments

Part # DAC5686IPZP.A
Description  16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5686IPZP.A Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC5686IPZP.A Datasheet HTML 19Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 20Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 21Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 22Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 23Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 24Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 25Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 26Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
Serial-Port Timing Diagrams
R/W
t(SCLKL)
SDENB
SCLK
SDIO
N1 N0
−
A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0
SDENB
SCLK
SDIO
Instruction Cycle
Data Transfer Cycle(s)
ts(SDENB)
t(SCLK)
th(SDIO)
ts(SDIO)
t(SCLKH)
T0037-01
DAC5686
www.ti.com ............................................................................................................................................................ SLWS147F – APRIL 2003 – REVISED JUNE 2009
Table 1. Instruction Byte of the Serial Interface (continued)
MSB
LSB
Description
R/W
N1
N0
–
A3
A2
A1
A0
R/W: Identifies the following data transfer cycle as a read or write operation. A high indicates a read operation
from the DAC5686 and a low indicates a write operation to the DAC5686.
N[1:0]: Identifies the number of data bytes to be transferred per Table 2. Data is transferred MSB-first.
Table 2. Number of Transferred Bytes Within One
Communication Frame
N1
N0
DESCRIPTION
0
0
Transfer 1 byte
0
1
Transfer 2 bytes
1
0
Transfer 3 bytes
1
1
Transfer 4 bytes
A4: Unused
A[3:0]: Identifies the address of the register to be accessed during the read or write operation. For multibyte
transfers, this address is the starting address and the address decrements. Note that the address is written to the
DAC5686 MSB-first.
Figure 24 shows the serial-interface timing diagram for a DAC5686 write operation. SCLK is the serial-interface
clock input to the DAC5686. Serial data enable SDENB is an active-low input to the DAC5686. SDIO is serial
data-in. Input data to the DAC5686 is clocked on the rising edges of SCLK.
Figure 24. Serial-Interface Write Timing Diagram
Figure 25 shows the serial-interface timing diagram for a DAC5686 read operation. SCLK is the serial-interface
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com