Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP.A Datasheet(PDF) 8 Page - Texas Instruments

Part # DAC5686IPZP.A
Description  16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5686IPZP.A Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC5686IPZP.A Datasheet HTML 4Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 5Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 6Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 7Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 8Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 9Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 10Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 11Page - Texas Instruments DAC5686IPZP.A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
DAC5686
SLWS147F – APRIL 2003 – REVISED JUNE 2009 ............................................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS (DC SPECIFICATIONS) (continued)
over operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 3.3 V, IOVDD = 3.3 V,
DVDD = 1.8 V, IOUTFS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
AVDD
Analog supply voltage
3
3.3
3.6
V
DVDD
Digital supply voltage
1.65
1.8
1.95
V
CLKVDD
Clock supply voltage
3
3.3
3.6
V
IOVDD
I/O supply voltage
1.65
3.6
V
PLLVDD
PLL supply voltage
3
3.3
3.6
V
Single (quad) DAC mode;
including output current through
30
load resistor, mode 7
IAVDD
Analog supply current
mA
Dual DAC mode; including output
current through load resistor,
55
mode 11
IDVDD
Digital supply current
242
mA
ICLKVDD
Clock supply current
10
mA
fDATA = 125 MSPS, SSB mode,
fDAC = 500 MSPS, 40-MHz IF
IPLLVDD
PLL supply current
28
mA
IIOVDD
IO supply current
< 3
mA
IAVDD
Sleep mode, AVDD supply current
1
mA
IDVDD
Sleep mode, DVDD supply current
4
mA
ICLKVDD
Sleep mode, CLKVDD supply
2
mA
current
Sleep mode
IPLLVDD
Sleep mode, PLLVDD supply
0.5
mA
current
IIOVDD
Sleep mode, IOVDD supply current
0.25
mA
Mode 1(6) AVDD = 3.3 V,
215
DVDD = 1.8 V
Mode 2(7) AVDD = 3.3 V,
495
DVDD = 1.8 V
Mode 5(8) AVDD = 3.3 V,
445
DVDD = 1.8 V
PD
Power dissipation
mW
Mode 7(9) AVDD = 3.3 V,
754
DVDD = 1.8 V
Mode 9(10) AVDD = 3.3 V,
547
DVDD = 1.8 V
Mode 11(11) AVDD = 3.3 V,
855
950
DVDD = 1.8 V
APSRR
Power supply rejection ratio
–0.2
0.2
%FSR/V
DPSRR
Power supply rejection ratio
–0.2
0.2
%FSR/V
(6)
Mode 1: Dual DAC mode, fully bypassed, fDAC = 160 MSPS, fOUT = 20 MHz
(7)
Mode 2: Dual DAC mode, 2× interpolation, fDAC = 320 MSPS, fOUT = 20 MHz
(8)
Mode 5: Quadrature modulation mode, 4× interpolation, fDAC/4 mixing, fDAC = 320 MSPS, fOUT = 100 MHz
(9)
Mode 7: Quadrature modulation mode, 4× interpolation, NCO running at 320 MHz, fDAC = 320 MSPS, fOUT = 100 MHz
(10) Mode 9: SSB modulation mode, 4× interpolation, fDAC/4 mixing, fDAC = 320 MSPS, fOUT = 100 MHz
(11) Mode 11: SSB modulation mode, 4× interpolation, NCO running at 320 MHz, fOUT = 100 MHz, maximum operating condition
8
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com