Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 119 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 119 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 115Page - STMicroelectronics L9678P Datasheet HTML 116Page - STMicroelectronics L9678P Datasheet HTML 117Page - STMicroelectronics L9678P Datasheet HTML 118Page - STMicroelectronics L9678P Datasheet HTML 119Page - STMicroelectronics L9678P Datasheet HTML 120Page - STMicroelectronics L9678P Datasheet HTML 121Page - STMicroelectronics L9678P Datasheet HTML 122Page - STMicroelectronics L9678P Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 215 page
background image
DS11626 Rev 9
119/216
L9678P, L9678P-S
Deployment drivers
214
6.1.4
Deployment success
Deploy success flag is set when the deploy timer elapses. This bit (CHxDS) is contained in
the Deploy Status Register. Within the Global Status Word register (GSW), a single bit
(DEPOK) is also set once any of the four deployment channels sets a deploy success flag.
6.2
Energy reserve - deployment voltage
One deployment voltage source pin is used for channels 0 and 1 (SS01) and one for
channels 2 and 3 (SS23). These pins are directly connected to the high side drivers for each
channel.
6.3
Deployment ground return
There are dedicated power ground connections for deployment current, SGx pins. One
ground connection is sufficient for two deployments occurring simultaneously.
6.4
Deployment driver protections
6.4.1
Delayed low-side deactivation
To control voltage spikes at the squib/pyroswitch pins during drivers deactivation at the end
of a deployment, the low side driver is switched off after tDEL_SD_LS delay time with respect
to the high side deactivation.
6.4.2
Low-side voltage clamp
The low side driver is protected against overvoltage at the SRx pins by means of a clamping
structure as shown in Figure 23. When the Low side driver is turned off, voltage transients at
the SRx pin may be caused by squib/pyroswitch inductance. In this case a low side FET
drain to gate clamp will reactivate the low side FET allowing for residual inductance current
recirculation, thus preventing potential low side FET damage by overvoltage.
6.4.3
Short to battery
The low side driver is equipped with current limitation and overcurrent protection circuitry. In
case of short to battery at the squib/pyroswitch pins, the short circuit current is limited by the
Low side driver to ILIM_SR. If this condition lasts for longer than TFLT_ILIM_LS deglitch filter
time then the low and high-side drivers will be switched off and latched in this state until a
new deployment is commanded after SPI_DEPEN is re-triggered.
6.4.4
Short to ground
The squib/pyroswitch driver is designed to stand a short to ground at the squib/pyroswitch
pins during deployment. In particular, the current flowing through the short circuit is limited
by the high side driver (deployment current) and the high-side FET is sized to handle the
related energy.
In case the short to ground during deployment occurs after an open circuit, a protection
against damage is also available. The high side current regulator would have normally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com