Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 121 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 121 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 117Page - STMicroelectronics L9678P Datasheet HTML 118Page - STMicroelectronics L9678P Datasheet HTML 119Page - STMicroelectronics L9678P Datasheet HTML 120Page - STMicroelectronics L9678P Datasheet HTML 121Page - STMicroelectronics L9678P Datasheet HTML 122Page - STMicroelectronics L9678P Datasheet HTML 123Page - STMicroelectronics L9678P Datasheet HTML 124Page - STMicroelectronics L9678P Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 215 page
background image
DS11626 Rev 9
121/216
L9678P, L9678P-S
Deployment drivers
214
Figure 25. Deployment loop diagnostics
The leakage diagnostic includes short to battery, short to ground and shorts between loops.
The test is applied to each SFx and SRx pin so shorts can be detected regardless of the
resistance between the squib/pyroswitch pins.
6.5.1
Low level diagnostic approach
In this approach, each of the test steps described in the sections below requires user
intervention by issuing the proper SPI command.
High voltage leakage test for oxide isolation check
This test is mandatory to address possible leakages that could not be experienced at low
voltages on SFx or SRx pins. The Isource current generator (ISRC) is enabled on the chosen
SFx pin. To confirm that the SFx pin has then reached a suitable voltage level, a dedicated
ADC measurement on the SFx pin can be requested. Once this test is performed, a leakage
test on SFx and SRx pins can be issued to double check possible leakages.
Leakage to battery/ground diagnostics
Prior to the real test, the Voltage Regulator Current Monitor block (VRCM) has to be tested
and validated. The validation of VRCM goes into verifying both the short to battery and short
to ground flags.
The Isource current generator (ISRC) is first connected to SFx pin to raise its voltage to
VRESDIAG. Then, the Voltage Regulator Current Monitor block (VRCM) is enabled and
connected to the selected SFx pin. The Isink current limited switch (ISNK) is turned off, as
GAPGPS01129
SSxy
SFx
SRx
SGx
22nF
1nF
22nF
Ilimit =70mA
40mA
+
-
Gain = 5.25
Voffset
A to D
10bit
Tot err = ±4LSB
LSB = 2.5/1024 V
Squib resistor HIGH
Squib resistor LOW
HV analog MUX
Vref =2v5
Vref =2v5
Short to GND
Rleak >10K
Ω
Ω no detection
detection
Rleak <1K
Rleak >10K
Ω
Ω no detection
detection
Rleak <1K
Short to BAT
VRCM (voltage regulator current monitor)
Squib resistance measure
(system error < 8%)
Rsquib
1 to 10
Ω
Ω
Vout
Vgnd or
VBat
RLeak
RLeak
Squib loop
driver and
diagnostic
blocks
xN
VRESDIAG
ISRC
VER pin
(from Energy Reserve)
Safing
transistor
Vgnd or
VBat
Bypass
ISINK
Ipulldown
I=1mA
GNDA
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com