Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 133 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 133 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 129Page - STMicroelectronics L9678P Datasheet HTML 130Page - STMicroelectronics L9678P Datasheet HTML 131Page - STMicroelectronics L9678P Datasheet HTML 132Page - STMicroelectronics L9678P Datasheet HTML 133Page - STMicroelectronics L9678P Datasheet HTML 134Page - STMicroelectronics L9678P Datasheet HTML 135Page - STMicroelectronics L9678P Datasheet HTML 136Page - STMicroelectronics L9678P Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 215 page
background image
DS11626 Rev 9
133/216
L9678P, L9678P-S
Remote sensor interface
214
Figure 34. Manchester decoder state diagram
IDLE
RISING_EDGE
Strobe RESET_CNT
PERIOD_1_5
Strobe REC_END
Strobe RESET_CNT
(check PARITY_ERR)
ANY and
(PERIOD_0_75 or not FIRST)
PERIOD_1_5
Strobe RESET_CNT
Strobe MANY BITS
Strobe RESET_CNT
ANY and / PERIOD_1_5
Strobe RESET_CNT
RISING and PERIOD_0_75
Strobe RESET_CNT
(ANY and not PERIOD_1_25 and
P
End of message definition for use in timeslot control: EOM = T10+T9+T7+T6a+T6b
ERIOD_0_75 and not STATE=C_NB)
Strobe RESET_CNT
Strobe NEXT BIT
PERIOD_1_25 and ANY
strobe CHECK_TIME
Strobe RESET_CNT
ANY and
not PERIOD_0_75 and
not FIRST_EDGE
Strobe RESET_CNT
Strobe CHECK_TIME
ANY and
PERIOD_0_75 and STATE=C_NB
Strobe RESET_CNT
Strobe NEXT BIT
A
C
D
E
B
A
B
C
B
E
D
DataFilt
:= Filtered Raw Data (RXSAT) from Current Demodulator (after deglitcher )
RISING_EDGE
:= DataFilt(n+1, n) == “01”
FALLING_EDGE := DataFilt(n+1, n) == “10”
ANY
:= RISING_EDGE or FALLING_EDGE
C_NB
:= 8bit frame configurated ? 10 : 12
STATE
:= {0@IDLE, 1@STATBITDET, 2@T5, STATE++@T12, 0xE @WAIT, 0xF@ERROR}
BitCounter
:= RESET_CNT ? 0 : BitCounter++
Period_1_50
:= BitCounter >= BitPeriod*1.5
Period_1_25
:= BitCounter >= BitPeriod*1.25
Period_0_75
:= BitCounter >= BitPeriod*0.75
FIRST_EDGE
:= Period_0_75? 1 : ANY? 0 : FIRST_EDGE after a delay of Tck (Remark: not a combinatorial signal )
RESET_DECODER
Strobe RESET_CNT
Period_1_25
and ANY_EDGE
Strobe RESET_CNT
(first pulse duty cycle check:)
FALLING_EDGE before period_0_25
Strobe RESET_CNT
RISING_EDGE & /Period_0_75
Strobe RESET_CNT
WAIT
TGAP
DATA REC.
ERROR
START BIT
DET.
T2a
T9
T3
T5
T4
T7
T10
T8
T6b
T1
T11
T12
T13
PERIOD_1_25 and not ANY
strobe CHECK_TIME
A
T6a
T2b
B
Period_1_25
and not ANY_EDGE
GAPGPS01645



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com