Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 135 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 135 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 131Page - STMicroelectronics L9678P Datasheet HTML 132Page - STMicroelectronics L9678P Datasheet HTML 133Page - STMicroelectronics L9678P Datasheet HTML 134Page - STMicroelectronics L9678P Datasheet HTML 135Page - STMicroelectronics L9678P Datasheet HTML 136Page - STMicroelectronics L9678P Datasheet HTML 137Page - STMicroelectronics L9678P Datasheet HTML 138Page - STMicroelectronics L9678P Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 215 page
background image
DS11626 Rev 9
135/216
L9678P, L9678P-S
Remote sensor interface
214
The converter default count value is 42, therefore,
Ibase = 2.5 mA + 42 * 300 µA
Ibase = 15 mA
Itrip = Ibase + threshold where threshold is a fixed at 12 mA
Thanks to this implementation, Ibase can span from 2.5 mA up to 41 mA covering PSI-5
specification range. As an example, for a remote sensor that operates at 10 mA base
current, Itrip = 23 mA.
7.2
Remote sensor interface fault protection
7.2.1
Short to ground, current limit
Each output is short circuit protected by an independent current limit circuit. Should the
output current level reach or exceed the ILIMTH for a time period greater than TILIMTH the
output stage is disabled and an internal up-down counter will count in 25 µs increment up to
TILIMTH. The filter time is chosen in order to avoid false current limit detection for in-rush
current that may happen at interface switch-on. When the output is turned off due to current
limit, the appropriate fault code STG is set in the Remote Sensor Data Register (RSDR).
The fault timer latch is cleared when the sensor channel is first disabled and then re-
enabled through the Remote Sensor Configuration Register (RSCR). This fault condition
does not interfere with the normal operation of the IC, nor with the operation of the other
channels. When a sensor fault is detected, the RSFLT bit of the GSW is set indicating a fault
occurred and can be decoded by addressing the RSFSR register.
In order to fulfil the blanking time requirement at channel activation as per PSI-5
specification, a dedicated masking time is applied to the current limitation fault detection
each time a channel is activated.
7.2.2
Short to battery
All outputs are independently protected against a short to battery condition. Short to battery
protection disconnects the channel from its supply rail to guarantee that no adverse
condition occurs within the IC. The short-to-battery detection circuit has input offset voltage
(10 mV, minimum) to prevent disconnecting of the output under an open circuit condition. A
short to battery is detected when the output RSUx pin voltage increases above VSUP
supply pin voltage for a TSTBTH time. An internal up-counter will count in 1.5 µs increment
up to TSTBTH. The counter will be cleared if the short condition is not present for at least
1.5 µs. Short to battery protection blocks the battery condition to guarantee that no adverse
condition occurs within the IC. The channel in short to battery is not shut down by this
condition. Other channels are not affected in case of short of one output pin. As in the case
previously described, the STB fault code can be read from RSDR bits and any fault will set
the RSFLT bit of the global status word register (GSW). The STB bit is cleared upon read.
7.2.3
Cross link
The device also provides the capability of a cross link check between outputs, in order to
reveal conditions where two output channels are in short. This functionality is allowed by
enabling one output channel, while asking for voltage measurement on any of the other
ones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com