Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 152 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 152 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 148Page - STMicroelectronics L9678P Datasheet HTML 149Page - STMicroelectronics L9678P Datasheet HTML 150Page - STMicroelectronics L9678P Datasheet HTML 151Page - STMicroelectronics L9678P Datasheet HTML 152Page - STMicroelectronics L9678P Datasheet HTML 153Page - STMicroelectronics L9678P Datasheet HTML 154Page - STMicroelectronics L9678P Datasheet HTML 155Page - STMicroelectronics L9678P Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 215 page
background image
Safing logic
L9678P, L9678P-S
152/216
DS11626 Rev 9
Each safing record has SPI accessible registers defined in the SPI command tables and
summarized below:
Request Mask and Request Target - to understand what sensor the microcontroller is
addressing
Response Mask and Response Target - to identify the sensor response
–
Data Mask - to extract relevant sensor data from the response. Sensor data is
extracted as a bit-wise AND result of the SAF_DATA_MASKx and monitored
SPI_MISO data
–
The extracted data is then right-justified into a 16-bit register for 16-bit safing
records, respectively, prior to further processing steps which assume data is
signed - two-s complement represented
Safing Threshold - specific value that sets the comparator limit for successful arming
Control:
–
IF, In Frame - to indicate serial data response is "in frame". There are two types of
potential serial data responses, "in-frame" and "out of frame"
–
CS - to align safing record with a specific SPI CS. The device contains 2 SPI CS
inputs for the safing function (SAF_CS0 and SAF_CS1)
–
ARM - there are two internal arming signals, each active record is assigned or
mapped to any arming signal. Several safing records can be mapped to a single
arming output
–
Dwell - Once an arming condition is detected, the safing record remains armed for
the specified dwell time
–
Comb (Combined Data) - specific solution for dual axis high-g sensors specifically
oriented off-axis
–
Lim En (Limit Enable) - to enable PSI5 out-of-range control
–
Lim Sel (Limit Select) - to select PSI5 out-of-range thresholds between 8-bit and
10-bit protocol
–
SPIFLDSEL (Spi Field Select) - to determine which 16-bit field in long SPI
messages (>31 bit) to use for response on MISO of SPI monitor. If the
SPIFLDSEL bit is set to 0 the message bits from 0 (first bit received) to 15 are
processed, while if set to 1 the message bits from 16 to 31 are processed.
SPIFLDSEL bit will not help L9678P device to work with sensor that places data
across this boundary or has response and data in separate 'fields'.
In case of message less than 32-bit, always the first 16 bits received will be
processed regardless of the SPIFLDSEL value.
If input packet matches multiple safing records, the safing engine should process all of them
and treat them independently.
Safing record can only be evaluated on the first matching input packet. Any further data
packet matches are ignored (i.e. once CC is set, record can't be processed until is cleared).
The En (Record Enable) bit for any record is programmable as on or off at any time and will
enable/disable the record itself upon the following sensor sampling period.
All CC bits are available in one register (SAF_CC) for access in one single SPI read.
Safing Engine must not process sensor data in any state but Safing state (refer to Figure 9).
All safing records are cleared on SSM RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com