Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 154 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 154 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 150Page - STMicroelectronics L9678P Datasheet HTML 151Page - STMicroelectronics L9678P Datasheet HTML 152Page - STMicroelectronics L9678P Datasheet HTML 153Page - STMicroelectronics L9678P Datasheet HTML 154Page - STMicroelectronics L9678P Datasheet HTML 155Page - STMicroelectronics L9678P Datasheet HTML 156Page - STMicroelectronics L9678P Datasheet HTML 157Page - STMicroelectronics L9678P Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 215 page
background image
Safing logic
L9678P, L9678P-S
154/216
DS11626 Rev 9
sometimes this is due to the amount of data to be transmitted. A simplified diagram shows
the basic communication differences of in and out of frame responses.
Figure 46. In-frame example
Figure 47. Out of frame example
Synchronization between clock domains relies upon inter-frame gap.
10.4
Safing state machine operation
State machine operation is disabled when the safing state machine reset signal is active as
described in the power supply diagnostics and controls section of this document. The
outputs of the state machine are ARM1INT and ARM2INT. As previously stated, there is a
maximum of 4 safing records available to the state machine. Inputs to the safety state
machine are programmed safing records and sensor data. The configuration of the state
machine is common to all sensors.
10.4.1
Simple threshold comparison operation
In this mode, sensor data received through the sensor SPI interface and validated by the
safing record is passed to the safing algorithm. The simple threshold comparison algorithm
compares the received data to two thresholds, SAF_TH (positive threshold) and (-SAF_TH)
(negative threshold). If the sensor data is greater than SAF_TH or is less than (-SAF_TH)
then and event is flagged and the event counter is incremented based on the programmed
value of ADD_VAL. If sensor data does not trigger the SAF_TH comparators, the counter is
decremented by SUB_VAL. SUB_VAL is programmed by the user and can be the same as
or different from ADD_VAL. This feature allows for an asymmetrical counter function making
the system either more or less sensitive to sensor data. Since sensor data can indicate a
positive or negative event, the algorithm maintains separate event counters, POS_COUNT
and NEG_COUNT. The ADD_VAL and SUB_VAL programmed values are the same for all
safing sources.
On each sensor sample, the event counters, both POS_COUNT and NEG_COUNT, are
updated. Each event counter is then compared with a corresponding arming threshold. In
this case, POS_COUNT value is compared to ARMP_TH and NEG_COUNT to ARMN_TH.
ARMP_TH and ARMN_TH are programmable thresholds set by the user. The compared
result will set ARMP and ARMN to either "1" or "0" depending on the comparison status. If
ARMP_TH or ARMN_TH are set to 0, the arming will be activated immediately entering in
safing state.
POS_COUNT and NEG_COUNT are not updated if microcontroller stops reading SAF_CC
bits (this must be avoided otherwise ARMING set and reset will not be possible).
GAPGPS01143
MOSI
MISO
Request n
Response n
Status
Unused
GAPGPS01144
MOSI
Request n
Request n+1
MISO
Request n-1
Response n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com