Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 160 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 160 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 156Page - STMicroelectronics L9678P Datasheet HTML 157Page - STMicroelectronics L9678P Datasheet HTML 158Page - STMicroelectronics L9678P Datasheet HTML 159Page - STMicroelectronics L9678P Datasheet HTML 160Page - STMicroelectronics L9678P Datasheet HTML 161Page - STMicroelectronics L9678P Datasheet HTML 162Page - STMicroelectronics L9678P Datasheet HTML 163Page - STMicroelectronics L9678P Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 215 page
background image
General purpose output (GPO) drivers
L9678P, L9678P-S
160/216
DS11626 Rev 9
11
General purpose output (GPO) drivers
The L9678P contains two GPO drivers configurable either as high-side or low-side modes,
controlled in ON-OFF mode or in PWM mode setting the desired duty cycle value through
the GPO Control Register (GPOCTRLx).
For low side driver configuration, the GPODx pin is the equivalent drain connection of the
internal MOSFET and it is the current sink for the output driver. The GPOSx pin is the
source connection of the GPO driver and is externally connected to ground.
Figure 54. GPO driver block diagram - LS configuration
For high side driver configuration, the GPODx pin will be connected to battery and GPOSx
pin will be connected to the load high side.
ERBOOST
GPODx
GPOSx
Vref
Vin
2V5
10bits
Sel GPODx
ON
+
-
Current limitation
VBatt
22nF
LOAD
Current
sense
PWM_CLK (125us )
Driver with
Slew Rate
Control
`
PWM
CTL
EN
OUT
CTL
6
GPOFLTSR (GPOxDISABLE )
GPOCTRLx [ 5:0]
GPOCR(GPOxLS )
ERBOOST_OK
Q
Q
SET
CL R
S
R
SPI(WID=’GPOCR’ )
SSM_RESET
Temperature
sensor
Tjsd
+
-
Q
Q
SET
CL R
S
R
Q
Q
SET
CL R
S
R
GPOCTRLx [5:0]=0h
SSM_RESET
GPOFLTSR (GPOxTEMP )
Q
Q
SET
CL R
S
R
Q
Q
SET
CL R
S
R
SSM_RESET
SPI(RID=’GPOFLTSR’ )
+
-
+
-
Iopenload
Ilim
GPOFLTSR (GPOxOPN )
GPOFLTSR (GPOxLIM )
GAPGPS01653



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com