Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 163 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 163 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 159Page - STMicroelectronics L9678P Datasheet HTML 160Page - STMicroelectronics L9678P Datasheet HTML 161Page - STMicroelectronics L9678P Datasheet HTML 162Page - STMicroelectronics L9678P Datasheet HTML 163Page - STMicroelectronics L9678P Datasheet HTML 164Page - STMicroelectronics L9678P Datasheet HTML 165Page - STMicroelectronics L9678P Datasheet HTML 166Page - STMicroelectronics L9678P Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 215 page
background image
DS11626 Rev 9
163/216
L9678P, L9678P-S
ISO9141 transceiver
214
12
ISO9141 transceiver
A block diagram of the function is shown below. Data transmitted by the main
microcontroller is sent via the ISOTX pin and data is received via the ISORX pin. The bus
output is ISOK.
Figure 56. ISO9141 block diagram
When the ISOTX pin is asserted, logic high, the ISOK output will be disabled (pulled high by
an external resistor). When the ISOTX pin is deasserted, logic low, the ISOK output will be
enabled (pulled low by the internal driver). This input pin contains an internal pull-up to
command the output to the disabled state in the event of an open circuit condition.
The ISORX pin has a push-pull output stage referenced to VDDQ voltage. This output is
asserted high when the voltage on the ISOK pin is above the ISOK input receiver threshold,
VBATMON, as defined in the electrical tables. This output is deasserted low when the
voltage on the ISOK pin is below the ISOK input receiver threshold with hysteresis.
ISOK output is a low side driver compatible with ISO9141 physical layer.
The output stage is protected against short circuits and diagnostics provide feedback for
current limit and thermal shutdown. While in current limit, the output stage will continue to
function until thermal limit is reached. Should thermal limit occur, the output stage will shut
down until the temperature decreases below the limit threshold with hysteresis. The fault
status is reported in the ISO9141 Fault Status Register (ISOFLTSR).
GAPGPS01151
vddq
VIH
FLTSR1(ILIMXCVR)
FLTSR 1(OTXCVR)
ISOK
VBAT
Thermal
Shutdown
Gate
Control
Filter
ISOTX
ISORX
td
Ilin
VIN
510
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com