Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 165 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 165 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 161Page - STMicroelectronics L9678P Datasheet HTML 162Page - STMicroelectronics L9678P Datasheet HTML 163Page - STMicroelectronics L9678P Datasheet HTML 164Page - STMicroelectronics L9678P Datasheet HTML 165Page - STMicroelectronics L9678P Datasheet HTML 166Page - STMicroelectronics L9678P Datasheet HTML 167Page - STMicroelectronics L9678P Datasheet HTML 168Page - STMicroelectronics L9678P Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 215 page
background image
DS11626 Rev 9
165/216
L9678P, L9678P-S
System voltage diagnostics
214
In case the voltage to be measured is not immediately available, the desired inputs for
conversion have to be programmed by SPI in advance, to allow them to attain a stable
voltage value. This case applies to the squib/pyroswitch resistance measurement and
diagnostics (refer to Loop diagnostics control and results registers) and to the switch sensor
measurement (refer to Section 9: DC sensor interface).
CONVRDY_0 bit in GSW is equal to (NEWDATA_A or NEWDATA_B), while CONVRDY_1
bit in GSW corresponds to (NEWDATA_C or NEWDATA_D).
Each NEWDATAx flag is asserted when conversion is finished and cleared when result is
read out. However result is cleared only when a new result for that register is available.
When a new request is received it is queued if other conversions are ongoing. The
conversions are executed in the same order as their request arrived. The queue is 4
measures long so it's possible to send all 4 requests at the same time and then wait for the
results. If a DIAGCTLRx command is received twice, the second conversion request will
overwrite the previous one.
Requests are sent to the L9678P IC via the ADC measurement Registers (ADCREQx) as
shown in Table 11: Diagnostics control register (DIAGCTRLx) on page 165. All diagnostics
results are available on the ADCRESx registers, when addressed by the related ADCREQx
register (e.g. data requested by ADCREQA would be written to ADCRESA).
Table 11. Diagnostics control register (DIAGCTRLx)
ADC Request (ADCREQx)
Voltage measurement selection
ADC Results (ADCRESx)
Bit [6:0]
Hex
Bit [9:0]
0
0
0
0
0
0
0
0
Unused
0
0
0
0
0
0
1
1
ADC Test Pattern 1
Ground reference
0
0
0
0
0
1
0
2
ADC Test Pattern 2
Full scale reference
0
0
0
0
0
1
1
3
DC Sensor ch. selected, Voltage
DCSV_selected
0
0
0
0
1
0
0
4
DC Sensor ch. selected, Current
DCSI_selected
0
0
0
0
1
0
1
5
DC Sensor ch. selected, Resistance(1)
DCSV and DCSI selected
0
0
0
0
1
1
0
6
Squib/pyroswitch measurement loop
selected
Voutx
0
0
0
0
1
1
1
7
Bandgap reference Voltage
VBGR
0
0
0
1
0
0
0
8
Bandgap reference monitor Voltage
VBGM
0
0
0
1
0
0
1
9
Unused
0
0
0
1
0
1
0 10
Temperature Measurement
TEMP
0
0
0
1
0
1
1
11
DC Sensor ch 0, Voltage
DCSV_0
0
0
0
1
1
0
0 12
DC Sensor ch 1, Voltage
DCSV_1
0
0
0
1
1
0
1 13
DC Sensor ch 2, Voltage
DCSV_2
0
0
0
1
1
1
0 14
DC Sensor ch 3, Voltage
DCSV_3
0
0
0
1
1
1
1 15
Unused
0
0
1
0
0
0
0 16
Unused
0
0
1
0
0
0
1 17
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com