Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 180 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 180 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 176Page - STMicroelectronics L9678P Datasheet HTML 177Page - STMicroelectronics L9678P Datasheet HTML 178Page - STMicroelectronics L9678P Datasheet HTML 179Page - STMicroelectronics L9678P Datasheet HTML 180Page - STMicroelectronics L9678P Datasheet HTML 181Page - STMicroelectronics L9678P Datasheet HTML 182Page - STMicroelectronics L9678P Datasheet HTML 183Page - STMicroelectronics L9678P Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 215 page
background image
Electrical characteristics
L9678P, L9678P-S
180/216
DS11626 Rev 9
Note:
All timing is shown with respect to 10% and 90% of the actual delivered VDDQ voltage.
Figure 59. SPI timing diagram
Table 26. SPI AC specifications
N°
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
1
FSCLK
SPI Transfer Frequency
-
-
8
8.08
MHz
2
TSCLK
SCLK_x Period (2)(1)
-
123.8
-
-
ns
3
TLEAD
Enable Lead Time (3)(1)
-
250
-
-
ns
4
TLAG
Enable Lag Time (4)(1)
-
50
-
-
ns
5
THIGH_SCLK
SCLK_x High Time (5)(1)
-
50
-
-
ns
6
TLOW_SCLK
SCLK_x Low Time (6)(1)
-
50
-
-
ns
7
TSETUP_MOSI
MOSI_x Input Setup Time (7)(1)
-
20
-
-
ns
8
THOLD_MOSI
MOSI_x Input Hold Time (8)(1)
-
20
-
-
ns
9
TACC_MISO
MISO_x Access Time (9)(1)
80 pF load
-
-
60
ns
10
TDIS_MISO
MISO_x Disable Time (10)(1)
80 pF load
-
-
100
ns
11
TVALID_MISO
MISO_x Output Valid Time (11)(1) 80 pF load
-
-
30
ns
12
THOLD_MISO
MISO_x Output Hold Time (12)(1) -
0
-
-
ns
13
THOLD_SCLK
SCLK_x Hold Time (13)(1)
-
20
ns
14
TFLT_CS
CS_x noise glitch rejection time
-
50
300
ns
15
TNODATA
SPI Interframe Time (15)(1)
-
400
-
-
ns
16
TSETUP_MISO
MISO Input Setup TIme (7)(1)
-
20
-
-
ns
17
THOLD_MISO
MISO Input Hold TIme (8)(1)
-
20
-
-
ns
1. Refer to the Figure 59 for details.
CS_x
SCLK_x
3
9
5
7
8
6
11
2
MSB OUT
4
15
13
12
10
LSB IN
DATA
DATA
LSB OUT
DON’T
CARE
MSB IN
MISO_x
MOSI_x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com