Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 182 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 182 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 178Page - STMicroelectronics L9678P Datasheet HTML 179Page - STMicroelectronics L9678P Datasheet HTML 180Page - STMicroelectronics L9678P Datasheet HTML 181Page - STMicroelectronics L9678P Datasheet HTML 182Page - STMicroelectronics L9678P Datasheet HTML 183Page - STMicroelectronics L9678P Datasheet HTML 184Page - STMicroelectronics L9678P Datasheet HTML 185Page - STMicroelectronics L9678P Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 215 page
background image
Electrical characteristics
L9678P, L9678P-S
182/216
DS11626 Rev 9
Table 28. ER boost converter AC specifications
N°
Symbol
Parameter
Condition
Min. Typ. Max. Unit
1
FSW_ERBST
ERBOOST switching
frequency
-
1.8 1.882 2.0 MHz
2
TRISE_ERBSTSW_SLOW
TFALL_ERBSTSW_SLOW
ERBSTSW transition time
10% to 90% voltage on
ERBSTSW
VIN ≥ VINFASTSLOPE_L =
10.3 V
Iload = 60mA
ERboost settings 23 V
Guaranteed by design
10
15
-
25
35
ns
3
TRISE_ERBSTSW_FAST
TFALL_ERBSTSW_FAST
10% to 90% voltage on
ERBSTSW
VIN ≤ VINFASTSLOPE_H=
9 V
Iload=60mA
ERboost settings 23 V
Guaranteed by design
10
-
25
ns
4
TON_ERBST
ERBOOST charge-up time
CERBOOST = 2.2µF,
Vin =12V, IO_ERBST=
5mA
BST33V = 1
Measured from CS edge
to VO_ERBST(min)
-
-
5
ms
5
TFLT_TSD_ERBST
Thermal shutdown filter time -
-
10
µs
Table 29. ER boost converter external components (Design Info)
N°
Symbol
Parameter
Condition
Min.
Typ. Max. Unit
1
LERBST
Inductance
-
8
10
-
µH
2
ESLERBST
Inductance resistance
-
-
-
0.1
Ω
3
CBLK_ERBST
Output bulk capacitance
to ensure regulator
stability
Min capacitance value including
derating factors
1
2.2
µF
4
ESRCBLK_ERBST Bulk capacitor ESR
-
-
-
0.1
5
VFSTR_ERBST
Steering diode forward
voltage
IF=100 mA
-
-
0.85
V
6
ILKGSTR_ERBST
Steering diode reverse
leakage
Ta = 95 °C
-
-
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com