Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 186 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 186 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 182Page - STMicroelectronics L9678P Datasheet HTML 183Page - STMicroelectronics L9678P Datasheet HTML 184Page - STMicroelectronics L9678P Datasheet HTML 185Page - STMicroelectronics L9678P Datasheet HTML 186Page - STMicroelectronics L9678P Datasheet HTML 187Page - STMicroelectronics L9678P Datasheet HTML 188Page - STMicroelectronics L9678P Datasheet HTML 189Page - STMicroelectronics L9678P Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 215 page
background image
Electrical characteristics
L9678P, L9678P-S
186/216
DS11626 Rev 9
16.13
VDD3V3 regulator
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C  Ta  +95 °C, VDD5(min)  VDD5.
Table 39. VDD3V3 regulator DC specifications
N°
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
1
VO_VDD3V3 Output voltage
Across all line and load, steady
state
3.2
3.3
3.4
V
2
IO_VDD3V3
Output load current
capability
-
0.5
-
125
mA
3
IO_LIM_VDD3V3 Output load current limit -
150
-
-
mA
6
dVSR_ac
Line transient response
All load IO_VDD3V3;
VIN = 6 V to 18 V @ dt = 1 µs;
Guaranteed by design
3
-
3.6
V
7
dVLR_ac
Load transient response
All line; IO_VDD3V3= 1mA to
100mA
@dt = 1 µs;
Guaranteed by design
3
-
3.6
V
4
VDD3V3OV Over-voltage threshold -
3.43
-
3.6
V
5
VDD3V3UV
Under voltage reset
threshold
-
3
-
3.17
V
Table 40. VDD3V3 regulator AC specifications
N°
Symbol
Parameter
Condition
Min. Typ. Max. Unit
1
TSOFTST_VDD3 Soft start time
From 10% to 90%
1
2
3
ms
2
TFLT_VDD3OV
Over voltage
detection deglitch filter time
-
27
30
33
µs
3
TFLT_VDD3UV
Under voltage
detection deglitch filter time
-
27
30
33
µs
Table 41. VDD3V3 regulator external components (design info)
N°
Symbol
Parameter
Condition
Min. Typ. Max. Unit
1
CBLK_VDD3
Output bulk capacitance
Min 4.7µF nominal
3
-
30
µF
2
ESRCBLK_VDD3 Bulk capacitor ESR
-
-
-
50
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com