Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 190 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 190 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 186Page - STMicroelectronics L9678P Datasheet HTML 187Page - STMicroelectronics L9678P Datasheet HTML 188Page - STMicroelectronics L9678P Datasheet HTML 189Page - STMicroelectronics L9678P Datasheet HTML 190Page - STMicroelectronics L9678P Datasheet HTML 191Page - STMicroelectronics L9678P Datasheet HTML 192Page - STMicroelectronics L9678P Datasheet HTML 193Page - STMicroelectronics L9678P Datasheet HTML 194Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 215 page
background image
Electrical characteristics
L9678P, L9678P-S
190/216
DS11626 Rev 9
11
ILKG_SF_ON
SF leakage
current
Device ON,
VRESDIAG = VSSxy = 35 V,
SFx = 0V-35 V
-50
-
50
µA
12
ILKG_SF_OFF
Device OFF,
VRESDIAG = open, VSSxy =
open but all SSxy pins
connected, SEx = 0 V - 35 V
-50
-
50
µA
13
ILKG_SR_ON
SR leakage
current
Device ON,
VRESDIAG = VSSxy = 35 V,
SFx = 0V-35 V
-
-
50
µA
14
ILKG_SR_OFF
Device OFF,
VRESDIAG = open,
VSSxy = open but all SSxy pins
connected, SEx = 0 V - 35 V
-
-
50
µA
15
LDEPL
Load Inductance
Maximum load inductance
Design Information(2)
0
-
60
µH
16
CSFx
Load
capacitance
Maximum capacitance to GND
Design Information
13
-
455
nF
17
CSRx
13
-
455
nF
18
CSSxy
SSxy
capacitance
Maximum capacitance to GND
connected directly to SSxy pin
Design Information
-
-
10
nF
19
RSFLx
Load Impedance Design Information
-
-
6.5
Ω
20
-
Wire Length
Squib/pyroswitch Loops
containing a clockspring shall be
limited to a maximum length of
3m
1
-
10
m
21
RWirex
Wire resistance
Design information
16.8
-
63.4 mΩ/m
22
LWirex
Wire Inductance Design Information
0.6
-
1.8
µH/m
23
RCSx
Clock spring
resistance
Maximum number of clock
springs is 3 for any IC
Design Information
0
-
0.7
Ω
24
LCSx
Clock spring
inductance
Design Information
0
-
42.9
µH
25
kL_CS1 – L_CS2
Clocks pring
coupling
Design Information
0.739
-
0.903
-
26
LEMI
Squib/pyroswitch
EMI protection
Design Information
0
-
7.7
µH
1. In case of an unsupplied device and shorted deployment pins (e.g. to battery voltage), the dynamic reverse current through
the high side power stage depends on CSSxy.
Table 47. Deployment drivers - DC specifications (continued)
N°
Symbol
Parameter
Condition
Min.
Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com