Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 193 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 193 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 189Page - STMicroelectronics L9678P Datasheet HTML 190Page - STMicroelectronics L9678P Datasheet HTML 191Page - STMicroelectronics L9678P Datasheet HTML 192Page - STMicroelectronics L9678P Datasheet HTML 193Page - STMicroelectronics L9678P Datasheet HTML 194Page - STMicroelectronics L9678P Datasheet HTML 195Page - STMicroelectronics L9678P Datasheet HTML 196Page - STMicroelectronics L9678P Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 215 page
background image
DS11626 Rev 9
193/216
L9678P, L9678P-S
Electrical characteristics
214
16.17.2 Squib/pyroswitch leakage test (VRCM)
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C  Ta  +95 °C, VINGOOD1(max)  VIN  35 V,
VDD3V3(min)  VDD3V3  VDD3V3(max).
7
ISRC_DELTA
Squib/pyroswitch
Resistance
Measurement
Delta Current Source
-
-5%
32
+5%
mA
8
SRISRC
Squib/pyroswitch
resistance
measurement
current source slew-
rate
-
4
7.5
11
mA/µs
9
VSRx_RM
SRx voltage during
Resistance
Measurement
LPDIAGREQ(ISRC) = ”01” or “10”
LPDIAGREQ(ISINK) = 1
0.5
0.7
1
V
10
ISINK_HI_SR
SRx current sink limit
high level
LPDIAGREQ(ISRC_CURR_SEL) = 0
LPDIAGREQ(ISINK) = 1
50
70
90
mA
11
ISINK_LO_SR
SRx current sink limit
low level
LPDIAGREQ(ISRC_CURR_SEL) = 1
LPDIAGREQ(ISINK) = 1
10
17.5
25
mA
12
IPD_SR
SRx current pull down -
0.7
1
1.3
mA
13
RLKG_SF
Leakage resistance on
SFx
Leakage to GND ±1 V or to Battery
from 6 V to 18 V. Design info
1
-
-
kΩ
14
RSQ_ACC
Accuracy of digital
resistance
measurement
After software calculation
All errors included
RSQ between 1.0 Ω and 10.0 Ω
With High Current Source (40mA)
-8
-
+8
%
15
-
EMI Input Low-pass
filter
Design Info
50
-
100
kHz
Table 49. Deployment drivers diagnostics (Squib/pyroswitch resistance) (continued)
N°
Symbol
Parameter
Condition
Min. Typ. Max.
Unit
Table 50. Squib/pyroswitch leakage test (VRCM)
N°
Symbol
Parameter
Condition
Min.
Typ.
Max. Unit
1
VOUT_VRCM
Output Voltage on SF or
SR pins during Leakage
test
IOUT = 0 mA
-10%
2.5
+10%
V
2
IOUT = 6.6 mA
-8.7%
2.3
+8.7%
V
3
RLKG_GSQ_TH
Detection threshold,
leakage to GND
Leakage detected if
RLKG_GSQ  1 kΩ and not
detected if RLKG_GSQ  10 kΩ
Design Info
1
-
10
kΩ
4
ILKG_GSQ_TH
Equivalent to resistance
range
-15%
450
+15%
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com