Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 194 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 194 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 190Page - STMicroelectronics L9678P Datasheet HTML 191Page - STMicroelectronics L9678P Datasheet HTML 192Page - STMicroelectronics L9678P Datasheet HTML 193Page - STMicroelectronics L9678P Datasheet HTML 194Page - STMicroelectronics L9678P Datasheet HTML 195Page - STMicroelectronics L9678P Datasheet HTML 196Page - STMicroelectronics L9678P Datasheet HTML 197Page - STMicroelectronics L9678P Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 215 page
background image
Electrical characteristics
L9678P, L9678P-S
194/216
DS11626 Rev 9
16.17.3 High/low side FET test
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C  Ta  +95 °C, VINGOOD1(max)  VIN  35 V, 6 V  SSxy  35 V, 7V  VRESDIAG 
35V.
5
RLKG_BSQ_TH
Detection threshold,
leakage to BATTERY
Leakage detected if LKG_BSQ
1 kΩ and not detected if
RLKG_BSQ  10 kΩ
Design Info
1
-
10
kΩ
6
ILKG_BSQ_TH
Equivalent to resistance
range
-15%
1.8
+15%
mA
7
ILIM_VRCM_SRC VRCM current limitation
-
-20
-
-10
mA
8
ILIM_VRCM_SINK
-
10
-
20
mA
9
VSHIFT
External ground or battery
shift
Design Info
-1
-
1
V
10
RSQ_LOW_TH
Detection Threshold for
“resistance too low”
Design Info
200
-
500
Ω
11
IRSQ_LOW_TH
Equivalent to resistance
range
-12%
6
+12%
mA
12
RSQ_HIGH_TH
Detection threshold for
“resistance too high”
Design Info
2
-
5
kΩ
13
IRSQ_HIGH_TH
Equivalent to resistance
range
-15%
700
+15%
µA
14
TFLT_LKG
Leakage test deglitch filter
time
-
8
µs
Table 50. Squib/pyroswitch leakage test (VRCM) (continued)
N°
Symbol
Parameter
Condition
Min.
Typ.
Max. Unit
Table 51. High/low side FET test
N°
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
1
IHS_FET_TH
Detection threshold
(HS FET test)
-
-10%
1.8
+10%
mA
2
ILS_FET_TH
Detection threshold low
side FET test
-
-10%
450
+10%
µA
3
EFET_TESt
Energy transferred to
squib/pyroswitch during
HS/LS FET tests
Design Info
-
-
170
µJ
4
TFLT_HS_FET_TH
TFLT_LS_FET_TH
FET Test deglitch filter
time
-
1.3
1.5
1.7
µs
5
TFETTIMEOUT
HS/LS FET test time-out
-
190
200
210
µs
6
SGxy_OPEN
Squib/pyroswitch open
ground detection
GNDSUBx as ground
reference
300
450
600
mV
7
TFLT_SGOPEN
Squib/pyroswitch open
ground detection filter
time
-
46
50
54
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com