Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 198 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 198 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 194Page - STMicroelectronics L9678P Datasheet HTML 195Page - STMicroelectronics L9678P Datasheet HTML 196Page - STMicroelectronics L9678P Datasheet HTML 197Page - STMicroelectronics L9678P Datasheet HTML 198Page - STMicroelectronics L9678P Datasheet HTML 199Page - STMicroelectronics L9678P Datasheet HTML 200Page - STMicroelectronics L9678P Datasheet HTML 201Page - STMicroelectronics L9678P Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 215 page
background image
Electrical characteristics
L9678P, L9678P-S
198/216
DS11626 Rev 9
16.19
DC sensor interface
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C  Ta  +95 °C, VINGOOD2(max)  VIN  35V, 8.5 V  VRESDIAG  35 V.
Table 55. DC sensor interface specifications
N°
Symbol
Parameter
Condition
Min.
Typ.
Max. Unit
1
VOUT_DCSREG
Output voltage
regulation mode
DCS Regulator enabled
-10%
6.25
+10%
V
2
ILIM_DCSREG
Current limitation
regulation mode
DCS Regulator enabled
DCS = 0
24
27
30
mA
3
VDCS_RANGE1
Voltage measurement
range1
First voltage
measurement
(VDCS_MEAS1) to
compensate external
ground shift and internal
offset
-1
-
1.4
V
4
VDCS_ACC1
Voltage measurement
accuracy 1
VDCS = VDCS_RANGE1
Included ADC error
-15
-
15
%
5
VDCS_RANGE2
Voltage measurement
range 2
-
1.5
-
10
V
6
VDCS_ACC2
Voltage measurement
accuracy 2
VDCS = VDCS_RANGE2
Included ADC error
-8
-
+8
%
7
IDCS_RANGE1
Current measurement
range 1
-
1
-
2
mA
8
IDCS_ACC1
Current measurement
accuracy 1
IDCS = IDCS_RANGE1
Included ADC error
-30
-
+30
%
9
IDCS_RANGE2
Current measurement
range 2
-
2
-
22
mA
10
IDCS_ACC2
Current measurement
accuracy 2
IDCS = IDCS_RANGE2
Included ADC error
-12
-
+12
%
11
IDCS_RANGE3
Current measurement
range 3
Regulator in current
limitation
-
ILIM_DCSREG
-
mA
12
IDCS_ACC3
Current measurement
Accuracy 3
DCS = 0
Included ADC error
-12
-
+12
%
13
RDCS_RANGE
Resistance
Measurement
Range
Design info
65
-
3000
Ω
14
RDCS_ACC
Accuracy of digital
resistance
measurement
Performing both voltage
measurements 1 and 2
After Software calculation
All errors included
-15
15
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com