Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 200 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 200 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 196Page - STMicroelectronics L9678P Datasheet HTML 197Page - STMicroelectronics L9678P Datasheet HTML 198Page - STMicroelectronics L9678P Datasheet HTML 199Page - STMicroelectronics L9678P Datasheet HTML 200Page - STMicroelectronics L9678P Datasheet HTML 201Page - STMicroelectronics L9678P Datasheet HTML 202Page - STMicroelectronics L9678P Datasheet HTML 203Page - STMicroelectronics L9678P Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 215 page
background image
Electrical characteristics
L9678P, L9678P-S
200/216
DS11626 Rev 9
15
VIL_ FENL
FENL low level
input voltage
-
-
-
0.8
16
IPU_ FENL
FENL pull up current
FENL = 0
-70
-45
-20
µA
14
VIH_SAF_CSx
SAF_CSx high level
input voltage
-
2
-
-
V
15
VIL_SAF_CSx
SAF_CSx low level
input voltage
-
-
-
0.8
-
16
IPU_SAF_CSx
SAF_CSx pull up current SAF_CSx = 0V
-70
-45
-20
µA
Table 56. Arming interface - DC specifications (continued)
N°
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Table 57. Arming interface - AC specifications
N°
Symbol
Parameter
Condition
Min.
Typ. Max. Unit
1
TARM
Sensor sampling period
-
475
500
525
µs
2
TACL_HI
ACL period
-
213
-
237
ms
3
TACL_LO
-
168
-
187
ms
4
TON_ACL_HI
ACL on-time
-
154
-
171
ms
5
TON_ACL_LO
-
114
-
126
ms
6
TVALID_EOL
Scrap validation
TACL and TON_ACL valid
-
3
-
-
cycles
7
TDIS_EOL
Scrap timeout
-
2 * TACL
ms
8
TPULSE_STRECH
Arming enable
pulse stretch time
-
-
-
0
ms
9
-
30
32
34
ms
10
-
242
270
ms
11
-
1934
2162
ms
12
TRISE_ARM
ARM rise time
80pF load, 20% to 80%
Internal Safing Selected
-
-
1.00
µs
13
TFALL_ARM
ARM fall time
80pF load, 20% to 80%
Internal Safing Selected
-
-
1.00
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com